Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

255D Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 255D
Description  Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

255D Datasheet(HTML) 6 Page - Vishay Siliconix

  255D Datasheet HTML 1Page - Vishay Siliconix 255D Datasheet HTML 2Page - Vishay Siliconix 255D Datasheet HTML 3Page - Vishay Siliconix 255D Datasheet HTML 4Page - Vishay Siliconix 255D Datasheet HTML 5Page - Vishay Siliconix 255D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
7
Type 255D
Vishay Sprague
Document Number: 40052
Revision 04-Feb-03
TAPE AND REEL PACKAGING in inches [millimeters]
Tape and Reel Specifications: All case codes are
available on plastic embossed tape per EIA-481-1. Tape
reeling per IEC 286-3 is also available. Standard reel
diameter is 7" [178mm]. 13” [330mm] reels are available.
The most efficient packaging quantities are full reel
increments on a given reel diameter. The quantities
shown allow for the sealed empty pockets required to be
in conformance with EIA-481-1. Reel size must be
specified in the Vishay Sprague
® part number.
0.177
[4.5]
.157
± .004
[4.0
± .10]
.079
± .002
[2.0
± .050]
.069
± .004
[1.75
± .10]
F
W
D1 Min.
P
A0
.059 + .004 - 0.0
[1.5 + .10 - 0.0]
Direction of Feed
TAPE SIZE
B1 (Max.)
D1 (Min.)
F
K (Max.)
PW
A0B0K0
12mm
0.323
[8.2]
0.059
[1.5]
0.217
± 0 .002
[5.5
± .05]
.
0.315
± 0 .004
[8.0
± 1.0]
0.
472
+ 0.012
[12.0+.30]
Notes: A0B0K0 are determined by component size.
The clearance between the component and the cavity
must be within .002" [.05mm] minimum to .020"
[.50mm] maximum for 8mm tape and .002" [.05mm]
minimum to .026" [.65mm] maximum for 12mm tape.
D
Standard orientation is with
the cathode (-) nearest to the
sprocket holes per EIA-481-1
and IEC 286-3.
Top Cover
Tape Thickness
Carrier
Embossment
Cathode (-)
Anode (+)
Direction of Feed
K
Max.
.024
[.600]
Max.
K0
Top Cover Tape
B1 Max.
Case
Code
Tape
Width
Component
Pitch
Units Per Reel
7" [178]
Reel
13" [330]
Reel
12mm
4mm
500
2500


Similar Part No. - 255D

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
255DCN5R4Q ILLINOISCAPACITOR-255DCN5R4Q Datasheet
404Kb / 2P
   Super Capacitors
255DCN5R4Q ILLINOISCAPACITOR-255DCN5R4Q Datasheet
247Kb / 3P
   Very fast charge/discharge High power density IEC 62391 compliant
255DCN5R5Q ILLINOISCAPACITOR-255DCN5R5Q Datasheet
334Kb / 5P
   Very fast charge/discharge ??High power density ??IEC 62391
255DCN5R5Q ILLINOISCAPACITOR-255DCN5R5Q Datasheet
137Kb / 1P
   Supercapacitor
More results

Similar Description - 255D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D Datasheet
148Kb / 11P
   Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Revision 01-Mar-04
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Vishay Siliconix
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com