Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322594 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 2322594
Description  Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322594 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 2322594 Datasheet HTML 4Page - Vishay Siliconix 2322594 Datasheet HTML 5Page - Vishay Siliconix 2322594 Datasheet HTML 6Page - Vishay Siliconix 2322594 Datasheet HTML 7Page - Vishay Siliconix 2322594 Datasheet HTML 8Page - Vishay Siliconix 2322594 Datasheet HTML 9Page - Vishay Siliconix 2322594 Datasheet HTML 10Page - Vishay Siliconix 2322594 Datasheet HTML 11Page - Vishay Siliconix 2322594 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Document Number: 29081
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 28-Apr-04
33
2322 59. .....
Varistors
Vishay BCcomponents
PACKAGING
VARISTORS ON TAPE ON REEL
TYPE
2322 592 .....
∅5 mm
14 V to 460 V
2322 593 .....
∅7 mm
14V to 460 V
2322 594 .....
∅10 mm
14 V to 550 V
2322 595 .....
∅14 mm
14V to 550 V
Straight leads:
H = 18 mm (2322 594 and 2322 595); see Taped version with
straight leads (only for 2322 594 and 2322 595 series) drawing
0...6
0...6
H = 20 mm (2322 592 and 2322 593); see Taped version with
straight leads (only for 2322 592 and 2322 593 series) drawing
0...6
0...6
Straight leads with flange; H0 = 16 mm; see Taped version with
flanged leads (only for 2322 592 and 2322 593 series) drawing
1...6
1...6
−−
Straight leads with flange; H0 = 18.25 mm; see Taped version with
flanged leads (only for 2322 592 and 2322 593 series) drawing
2...6
2...6
−−
Kinked leads; H0 = 18.25 mm; see Taped version with kinked
leads (only for 2322 594 and 2322 595 series) drawing
3...6
3...6
3...6
3...6
Kinked leads; H0 = 16 mm; see Taped version with kinked leads
(only for 2322 592 and 2322 593 series) drawing
8...6
8...6
8...6
8...6
Package quantities
14 V to 460 V
3000
3000
1500
1500
510 V to 550 V
1200
1200
A
detail A
H
D0
F
P1
P 0
t
T
A
P
∆ p
∆ p
∆ h
∆ h
D
d
F
W 1
W 2
W 0 W
T
h
h
A
TAPED VERSION WITH STRAIGHT LEADS (only for 2322 592 and 2322 593 series).
A
detail A
H
D0
F
P1
P
0
t
T
A
D
P
∆ p
∆ p
∆ h
∆ h
d
F
W 1
W 2
W 0 W
T
h
h
A
TAPED VERSION WITH STRAIGHT LEADS (only for 2322 594 and 2322 595 series).


Similar Part No. - 2322594

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322594-XXXX VISHAY-2322594-XXXX Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
More results

Similar Description - 2322594

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com