Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1942 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1942
Description  Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1942 Datasheet HTML 5Page - Linear Technology LT1942 Datasheet HTML 6Page - Linear Technology LT1942 Datasheet HTML 7Page - Linear Technology LT1942 Datasheet HTML 8Page - Linear Technology LT1942 Datasheet HTML 9Page - Linear Technology LT1942 Datasheet HTML 10Page - Linear Technology LT1942 Datasheet HTML 11Page - Linear Technology LT1942 Datasheet HTML 12Page - Linear Technology LT1942 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1942
9
1942fa
BLOCK DIAGRA
14
+
+
+
28mV
FB1
PGOOD
ENABLE
SS1
R
ONE
SHOT
QS
S
RQ
1.250V
REFERENCE
SOFT-START
COMPARATOR
AVDD BOOST CONVERTER
DRIVER
11
SW1
Q1
Q2
Q3
Q4
20
PGND14
13
7
SHDN
22
VCC
8
CTRL4
10
AGND
RAMP-PULSE
GENERATOR
Σ
6
+
+
NFB2
S
RQ
–150mV
REFERENCE
1MHz
OSCILLATOR
COMPARATOR
VOFF INVERTING CONVERTER
DRIVER
SW2
24
D2
D2
RAMP-PULSE
GENERATOR
Σ
23
5
+
+
FB3
S
RQ
1.250V
REFERENCE
COMPARATOR
VON BOOST CONVERTER
DRIVER
SW3
2
D3
D3
3
PGND23
SW4
RAMP-PULSE
GENERATOR
Σ
1
+
+
FB4
90k
10k
200mV
S
RQ
COMPARATOR
40V
LED BOOST CONVERTER
DRIVER
19
SS4
ENABLE
ENABLE
ENABLE
RAMP-PULSE
GENERATOR
Σ
21
VOUT3
4
CT
9
D4
D4
PGND14
1942BD
PNP
DRIVE
DELAY
GENERATOR
SOFT-START
12
16
Q5
FB4
LED2
17
Q6
LED1
18
15
Q7


Similar Part No. - LT1942

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1942 LINER-LT1942 Datasheet
263Kb / 16P
   Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
LT1942 LINER-LT1942_15 Datasheet
263Kb / 16P
   Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
More results

Similar Description - LT1942

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1942 LINER-LT1942_15 Datasheet
263Kb / 16P
   Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com