Electronic Components Datasheet Search |
|
232266293114 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
232266293114 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 4 page 2322 66. 9.... Vishay BCcomponents PTC Thermistors, Overload Protection For Telecommunication www.vishay.com For technical questions contact: nlr.europe@vishay.com Document Number: 29070 166 Revision: 10-Oct-03 F lead to lead distance 5 +0.6 to −0.1 guaranteed between component and tape ∆h component alignment 0 ±2 W tape width 18 +1 to −0.5 W0 hold down tape width ≥12.3 − W1 hole position 9 ±0.5 W2 hold down tape position ≤3.0 − H1 component height see Specific Physical Dimensions table H2 component body to seating plane 4 ±1 H3 component top to seating plane see Specific Physical Dimensions table H0 lead-wire clinch height 16 ±0.5 D0 feed hole diameter 4 ±0.2 t total tape thickness ≤0.9 − with cardboard tape 0.5 ±0.1 mm L length of snipped lead ≤11 − SYMBOL PARAMETER DIMENSIONS TOLERANCE REMARKS CHARACTERISTICS CONCERNING TAPED THERMISTORS REEL SPECIFICATIONS in millimeters REEL DIMENSIONS in millimeters PARAMETER VALUE Minimum pull out force of the component 5 N Minimum pull off force of adhesive tape 6 N Minimum tearing force tape 15 N Maximum pull off force tape-reel 5 N Storage conditions Storage temperature range −25 to +40 °C Maximum relative humidity 80% DIAMETER ∅ ∅ ∅ ∅ W1 W2 MAX. <12 42 ±156 12 46 ±160 Dimensions of the reel for 2322 66. 6...1/2/3 For W1 and W2, see Reel Dimensions table CCB614 22.5 30 + 1 −0 77 85.6 92 356 max. 18 3 W1 W2 |
Similar Part No. - 232266293114 |
|
Similar Description - 232266293114 |