Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1909 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1909
Description  Multichemistry Battery Charger with Automatic System Power Selector
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1909 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1909 Datasheet HTML 3Page - Maxim Integrated Products MAX1909 Datasheet HTML 4Page - Maxim Integrated Products MAX1909 Datasheet HTML 5Page - Maxim Integrated Products MAX1909 Datasheet HTML 6Page - Maxim Integrated Products MAX1909 Datasheet HTML 7Page - Maxim Integrated Products MAX1909 Datasheet HTML 8Page - Maxim Integrated Products MAX1909 Datasheet HTML 9Page - Maxim Integrated Products MAX1909 Datasheet HTML 10Page - Maxim Integrated Products MAX1909 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Multichemistry Battery Chargers with Automatic
System Power Selector
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VVCTL = VICTL = 1.8V, MODE = float, ACIN = 0, CLS =
REF, GND = PGND = 0, PKPRES = GND, LDO = DLOV, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1909: VICTL = 3.6V x 0.5, MAX8725:
VICTL = 3.2V x 0.5 (including ICTL resistor
tolerances of 1%)
-7.0
+7.0
Charge-Current Accuracy
VICTL = VLDO (default threshold of 45mV)
-5
+5
%
VICTL Default Threshold
VICTL rising
4.3
V
BATT/CSIP/CSIN Input Voltage
Range
0
19
V
CSIP/CSIN Input Current
Charging enabled
650
µA
MAX1909
0.75
ICTL Power-Down Mode
Threshold Voltage
MAX8725
0.06
V
MAX1909
0.85
ICTL Power-Up Mode Threshold
Voltage
MAX8725
0.11
V
INPUT CURRENT REGULATION
CSSP-to-CSSN Full-Scale
Current-Sense Voltage
72.75
77.25
mV
VCLS = REF
-3
+3
VCLS = REF x 0.75
-3
+3
Input Current-Limit Accuracy
VCLS = REF x 0.5
-4
+4
%
CSSP/CSSN Input Voltage Range
8.0
28
V
CSSP/CSSN Input Current
VCSSP = VCSSN = VDCIN > 8.0V
730
µA
CLS Input Range
1.6
REF
V
IINP Transconductance
VCSSP - VCSSN = 56mV
2.7
3.3
mA/V
VCSSP - VCSSN = 75mV, terminated with
10kΩ
-7.5
+7.5
VCSSP - VCSSN = 56mV, terminated with
10kΩ
-5
+5
IINP Accuracy
VCSSP - VCSSN = 20mV, terminated with
10kΩ
-10
+10
%
IINP Output Current
VCSSP - VCSSN = 150mV, VIINP = 0V
350
µA
IINP Output Voltage
VCSSP - VCSSN = 150mV, VIINP = float
3.5
V
SUPPLY AND LINEAR REGULATOR
DCIN Input Voltage Range
VDCIN
8.0
28
V
DCIN falling
7
DCIN Undervoltage-Lockout Trip
Point
DCIN rising
7.85
V
DCIN Quiescent Current
IDCIN
8.0V < VDCIN < 28V
6
mA
BATT Input Current
IBATT
VBATT = 2V to 19V, VDCIN > VBATT + 0.3V
500
µA
LDO Output Voltage
8.0V < VDCIN < 28V, no load
5.25
5.55
V
LDO Load Regulation
0 < ILDO < 10mA
115
mV


Similar Part No. - MAX1909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909ETI MAXIM-MAX1909ETI Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX1909ETI++ MAXIM-MAX1909ETI+ Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results

Similar Description - MAX1909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com