Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

URF4805QB-75WFR3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

Part No. URF4805QB-75WFR3
Description  75W isolated DC-DC converter in ¼-Brick package Wide Input Voltage, Regulated Single Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

URF4805QB-75WFR3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
DC/DC Converter
URF48_QB-75W(F/H)R3 Series
2018.08.23-A/2
Page 3 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Cooling method
Natural convection (20FLM)
Electromagnetic Compatibility (EMC)
Emissions
CE
CISPR32/EN55032
CLASS A and CLASS B (see Fig. 3 for recommended circuit)
RE
CISPR32/EN55032
CLASS A and CLASS B (see Fig. 3 for recommended circuit)
Immunity
ESD
IEC/EN61000-4-2, EN50121-3-2
Contact ±6KV Air ±8KV
perf.Criteria B
RS
IEC/EN61000-4-3, EN50121-3-2
10V/m
perf.Criteria A
EFT
IEC/EN61000-4-4, EN50121-3-2
±2KV(see Fig. 2-1for recommended circuit)
perf.Criteria A
Surge
EN50121-3-2
differential mode ±1KV, 1.2/50us, source impedance 42Ω
(see Fig.2-1for recommended circuit)
perf.Criteria B
CS
IEC/EN61000-4-6, EN50121-3-2
10 Vr.m.s
perf.Criteria A
Typical Performance Curves


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn