Electronic Components Datasheet Search |
|
232263322102 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
232263322102 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 2 page Document Number: 29064 For technical questions contact: nlr.europe@vishay.com www.vishay.com Revision: 08-May-03 1 NTC Thermistors, Glass Encapsulated Miniature Bead 2322 633 2.... Vishay BCc QUICK REFERENCE DATA Note 1. Response time in silicone oil MS200/50. This is the time needed for the sensor to reach 63.2% of the total temperature difference when subjected to a temperature change from 25 °C in air to 85 °C in oil. PARAMETER VALUE Resistance value at 25 °C1 kΩ to 1 MΩ Tolerance on R25-value ±5%; ±10% B25/85-value 2075 to 4100 K Tolerance on B25/85-value ±5% Maximum dissipation at 55 °C 60 mW Response time; note 1 ≈6 s Operating temperature range: at zero dissipation −55 to +200 °C at maximum dissipation 0 to 55 °C Dielectric withstanding voltage (RMS) between terminals and glass envelope min. 1500 V Insulation resistance between terminals and glass envelope at 100 V (DC) min. 100 MΩ Mass ≈0.1 g MARKING The thermistors are marked with four coloured dots on the glass envelope; see Component Outline drawing and Electrical Data and Ordering Information table. MOUNTING By soldering in any position. PACKAGING The thermistors are packed in cardboard boxes; the smallest packaging quantity is 100 units. FEATURES • Small diameter • Quick response to changes in temperature • Very high long term stability • High temperature operation • Resistant to agressive environments APPLICATIONS Temperature measurement. Bead thermistor with negative temperature coefficient, in a glass envelope with two tinned durnet (CuNiFe) wires. The device is non-flammable. ELECTRICAL DATA AND ORDERING INFORMATION Note 1. Dependent upon R25-tolerance, the dot IV is coloured as follows: a) for R25 ±5%, dot IV is coloured gold; b) for R25 ±10%, dot IV is coloured silver. 2. R25-values, temperature coefficients, catalog numbers and coding. 3. The thermisters have a 12-digit catalog number starting with 2322 633 2. The subsequent 4 digits indicate the resistance value and tolerance. R25 (kΩ Ω Ω Ω) B25/85-VALUE TC (%/K) CATALOG NUMBER 2322 633 2.... COLOUR CODE (see Component outline Drawing and note 1) R25 ±± ± ±5% R25 ±± ± ±10% I II III 1 2075 K ±5% −2.3 3102 2102 brown black red 2.2 2285 K ±5% −2.6 3222 2222 red red red 4.7 2485 K ±5% −2.8 3472 2472 yellow violet red 10 3750 K ±5% −4.2 3103 2103 brown black orange 22 3560 K ±5% −4.0 3223 2223 red red orange 47 3750 K ±5% −4.2 3473 2473 yellow violet orange 100 3900 K ±5% −4.4 3104 2104 brown black yellow 220 3860 K ±5% −4.3 3224 2224 red red yellow 470 3950 K ±5% −4.5 3474 2474 yellow violet yellow 1000 4100 K ±5% −4.6 3105 2105 brown black green |
Similar Part No. - 232263322102 |
|
Similar Description - 232263322102 |