Electronic Components Datasheet Search |
|
MCP112T-195LB Datasheet(PDF) 5 Page - Microchip Technology |
|
MCP112T-195LB Datasheet(HTML) 5 Page - Microchip Technology |
5 / 22 page 2004 Microchip Technology Inc. DS21889B-page 5 MCP111/112 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111; see Figure 4-1), TA = –40°C to +125°C. FIGURE 2-1: IDD vs. Temperature (MCP111-195). FIGURE 2-2: IDD vs. Temperature (MCP112-300). FIGURE 2-3: IDD vs. Temperature (MCP112-475). FIGURE 2-4: IDD vs. VDD (MCP111-195). FIGURE 2-5: IDD vs. VDD (MCP112-300). FIGURE 2-6: IDD vs. VDD (MCP112-475). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V 5.5V MCP111-195 0 0.2 0.4 0.6 0.8 1 1.2 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V MCP112-300 5.5V 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V 5.5V MCP112-475 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.02.0 3.04.0 5.06.0 VDD (V) -40°C +25°C +85°C +125°C MCP111-195 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) MCP112-300 -40°C +25°C +85°C +125°C 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.0 2.0 3.0 4.0 5.0 6.0 VDD (V) MCP112-475 -40°C +25°C +85°C +125°C |
Similar Part No. - MCP112T-195LB |
|
Similar Description - MCP112T-195LB |