Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3819 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N3819
Description  JEET VHF/UHF Amplifier N-channel-Depletion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3819 Datasheet(HTML) 5 Page - ON Semiconductor

  2N3819 Datasheet HTML 1Page - ON Semiconductor 2N3819 Datasheet HTML 2Page - ON Semiconductor 2N3819 Datasheet HTML 3Page - ON Semiconductor 2N3819 Datasheet HTML 4Page - ON Semiconductor 2N3819 Datasheet HTML 5Page - ON Semiconductor 2N3819 Datasheet HTML 6Page - ON Semiconductor 2N3819 Datasheet HTML 7Page - ON Semiconductor 2N3819 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N3819
http://onsemi.com
5
f, FREQUENCY (MHz)
10
gig @ IDSS
f, FREQUENCY (MHz)
0.5
Figure 9. Input Admittance (yig)
Figure 10. Reverse Transfer Admittance (yrg)
COMMON GATE CHARACTERISTICS
ADMITTANCE PARAMETERS
(VDG = 15 Vdc, Tchannel = 25°C)
f, FREQUENCY (MHz)
f, FREQUENCY (MHz)
Figure 11. Forward Transfer Admittance (yfg)
Figure 12. Output Admittance (yog)
20
10
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
20 30
50 70 100
200 300
500 700 1000
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
0.3
0.01
0.1
0.2
10
20
30
50 70 100
200 300
500 700 1000
10
20 30
50 70 100
200 300
500 700 1000
0.01
0.02
0.03
0.3
10
20
30
50 70 100
200 300
500 700 1000
big @ 0.25 IDSS
big @ IDSS
grg @ 0.25 IDSS
gfg @ IDSS
gfg @ 0.25 IDSS
brg @ 0.25 IDSS
bog @ IDSS, 0.25 IDSS
gog @ IDSS
gog @ 0.25 IDSS
0.2
0.005
0.007
0.02
0.03
0.05
0.07
0.1
0.05
0.07
0.1
0.2
0.5
0.7
1.0
brg @ IDSS
0.25 IDSS
gig @ IDSS, 0.25 IDSS
bfg @ IDSS


Similar Part No. - 2N3819

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
   N-channel J-FET
October 1990
logo
Fairchild Semiconductor
2N3819 FAIRCHILD-2N3819 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Vishay Siliconix
2N3819 VISHAY-2N3819 Datasheet
46Kb / 5P
   N-Channel JFET
Rev. D ,04-Jun-01
logo
List of Unclassifed Man...
2N3819 ETC1-2N3819 Datasheet
39Kb / 1P
   N-Channel JFETs
logo
Fairchild Semiconductor
2N3819 FAIRCHILD-2N3819 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
More results

Similar Description - 2N3819

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFW10 MOTOROLA-BFW10 Datasheet
71Kb / 2P
   VHF/UHF Amplifier(N-Channel, Depletion)
BF256 MOTOROLA-BF256 Datasheet
36Kb / 1P
   VHF/UHF Amplifier(N-Channel, Depletion)
logo
ON Semiconductor
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
ON Semiconductor
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
MMBFJ309L ONSEMI-MMBFJ309L_V01 Datasheet
187Kb / 6P
   JFET - VHF/UHF Amplifier Transistor N−Channel
October, 2016 - Rev. 8
MMBF4416LT1 ONSEMI-MMBF4416LT1_06 Datasheet
149Kb / 6P
   JFET VHF/UHF Amplifier Transistor N-Channel
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com