Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4403RLRPG Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N4403RLRPG
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4403RLRPG Datasheet(HTML) 2 Page - ON Semiconductor

  2N4403RLRPG Datasheet HTML 1Page - ON Semiconductor 2N4403RLRPG Datasheet HTML 2Page - ON Semiconductor 2N4403RLRPG Datasheet HTML 3Page - ON Semiconductor 2N4403RLRPG Datasheet HTML 4Page - ON Semiconductor 2N4403RLRPG Datasheet HTML 5Page - ON Semiconductor 2N4403RLRPG Datasheet HTML 6Page - ON Semiconductor 2N4403RLRPG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N4403
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector−Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
40
Vdc
Emitter−Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Base Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
IBEV
0.1
mAdc
Collector Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
ICEX
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 150 mAdc, VCE = 2.0 Vdc) (Note 1)
(IC = 500 mAdc, VCE = 2.0 Vdc) (Note 1)
hFE
30
60
100
100
20
300
Collector−Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.4
0.75
Vdc
Base−Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.75
0.95
1.3
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
200
MHz
Collector−Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
8.5
pF
Emitter−Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
30
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hie
1.5 k
15 k
W
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10−4
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
60
500
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
100
mmhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VBE = +2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
15
ns
Rise Time
tr
20
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = 15 mA, IB2 = 15 mA)
ts
225
ns
Fall Time
tf
30
ns
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
2N4403
TO−92
5000 Units / Bulk
2N4403G
TO−92
(Pb−Free)
5000 Units / Bulk
2N4403RLRA
TO−92
2000 / Tape & Reel
2N4403RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
2N4403RLRM
TO−92
2000 / Ammo Pack
2N4403RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
2N4403RLRPG
TO−92
(Pb−Free)
2000 / Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 2N4403RLRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403RLRPG ONSEMI-2N4403RLRPG Datasheet
118Kb / 7P
   General Purpose Transistors PNP Silicon
March, 2007 ??Rev. 3
More results

Similar Description - 2N4403RLRPG

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com