Electronic Components Datasheet Search |
|
2N4856JANTX Datasheet(PDF) 1 Page - Vishay Siliconix |
|
2N4856JANTX Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page 2N4856JAN/JANTX/JANTXV Series Vishay Siliconix Document Number: 70244 S-04028—Rev. C, 04-Jun-01 www.vishay.com 7-1 N-Channel JFETs 2N4856JAN 2N4856JANTX 2N4856JANTXV 2N4857JAN 2N4857JANTX 2N4857JANTXV 2N4858JAN 2N4858JANTX 2N4858JANTXV 2N4859JAN 2N4859JANTX 2N4859JANTXV 2N4860JAN 2N4860JANTX 2N4860JANTXV 2N4861JAN 2N4861JANTX 2N4861JANTXV PRODUCT SUMMARY Part Number VGS(off) (V) V(BR)GSS Min (V) rDS(on) Max (W) ID(off) Max (pA) tON Typ (ns) 2N4856 –4 to –10 –40 25 250 9 2N4857 –2 to –6 –40 40 250 10 2N4858 –0.8 to –4 –40 60 250 20 2N4859 –4 to –10 –30 25 250 9 2N4860 –2 to –6 –30 40 250 10 2N4861 –0.8 to –4 –30 60 250 20 FEATURES BENEFITS APPLICATIONS D Low On-Resistance: 2N4856 <25 W D Fast Switching—tON: 4 ns D High Off-Isolation—ID(off): 5 pA D Low Capacitance: 3 pF D Low Insertion Loss D N-Channel Majority Carrier FET D Low Error Voltage D High-Speed Analog Circuit Performance D Negligible “Off-Error,” Excellent Accuracy D Good Frequency Response, Low Glitches D Eliminates Additional Buffering D High Radiation Tolerance D Analog Switches D Choppers D Sample-and-Hold D Normally “On” Switches D Current Limiters DESCRIPTION The 2N4856JAN/JANTX/JANTXV all-purpose JFET analog switches offer low on-resistance, low capacitance, good isolation, and fast switching. Hermetically-sealed TO-206AA (TO-18) packaging allows full military processing (see Military Information). For similar products in TO-226AA (TO-92) and TO-236 (SOT-23) packages, see the J/SST111 series data sheet. For similar duals, see the 2N5564/5565/5566 data sheet. D S G and Case TO-206AA (TO-18) Top View 1 23 |
Similar Part No. - 2N4856JANTX |
|
Similar Description - 2N4856JANTX |