Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5449 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5449
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5449 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5449 Datasheet HTML 2Page - Analog Devices AD5449 Datasheet HTML 3Page - Analog Devices AD5449 Datasheet HTML 4Page - Analog Devices AD5449 Datasheet HTML 5Page - Analog Devices AD5449 Datasheet HTML 6Page - Analog Devices AD5449 Datasheet HTML 7Page - Analog Devices AD5449 Datasheet HTML 8Page - Analog Devices AD5449 Datasheet HTML 9Page - Analog Devices AD5449 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 6 of 32
t1
t2
t3
t7
t8
t4
t5
t6
t9
t10
t11
DB15
DB0
SCLK
DIN
LDAC1
LDAC2
SYNC
NOTES
1ASYNCHRONOUS LDAC UPDATE MODE
2SYNCHRONOUS LDAC UPDATE MODE
ALTERNATIVELY, DATA CAN BE CLOCKED INTO INPUT SHIFT REGISTER ON RISING EDGE OF SCLK AS
DETERMINED BY CONTROL BITS. TIMING AS ABOVE, WITH SCLK INVERTED.
Figure 2. Standalone Mode Timing Diagram
t8
t7
t12
t1
t3
t2
t4
t5
t6
DB15
(N)
DB15
(N+1)
DB0
(N)
DB0
(N+1)
DB15
(N)
DB0
(N)
SCLK
SYNC
SDIN
SDO
ALTERNATIVELY, DATA CAN BE CLOCKED INTO INPUT SHIFT REGISTER ON RISING EDGE OF SCLK AS
DETERMINED BY CONTROL BITS. IN THIS CASE, DATA WOULD BE CLOCKED OUT OF SDO ON FALLING
EDGE OF SCLK. TIMING AS ABOVE, WITH SCLK INVERTED.
Figure 3. Daisy-Chain and Readback Modes Timing Diagram
200
µAI
OL
200
µAI
OH
TO OUTPUT
PIN
CL
50pF
VOH (MIN) + VOL (MAX)
2
Figure 4. Load Circuit for SDO Timing Specifications


Similar Part No. - AD5449

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449 AD-AD5449 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5449 AD-AD5449 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5449 AD-AD5449 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5449 AD-AD5449 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5449 AD-AD5449 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
More results

Similar Description - AD5449

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com