Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV210EHAZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AQV210EHAZ
Description  GU (General Use)-E Type [1-Channel (Form A) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AQV210EHAZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AQV210EHAZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AQV210EHAZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AQV210EHAZ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TESTING
VDE
(Reinforced type)
(Standard type)
1
2
3
6
5
4
GU (General Use)-E Type
[1-Channel (Form A) Type]
mm inch
8.8
±0.05
.346
±.002
6.4
±0.05
.252
±.002
3.9
±0.2
.154
±.008
8.8
±0.05
.346
±.002
6.4
±0.05
.252
±.002
3.6
±0.2
.142
±.008
FEATURES
1. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
2. Control with low-level input signals
3. Controls various types of loads such
as relays, motors, lamps and sole-
noids.
4. Optical coupling for extremely high
isolation
Unlike mechanical relays, the PhotoMOS
relay combines LED and optoelectronic
device to transfer signals using light for
extremely high isolation.
5. Eliminates the need for a counter
electromotive force protection diode in
the drive circuits on the input side
6. Stable on resistance
7. Low-level off state leakage current
8. Eliminates the need for a power sup-
ply to drive the power MOSFET
A power supply used to drive the power
MOSFET is unnecessary because of the
built-in optoelectronic device. This results
in easy circuit design and small PC board
area.
9. Low thermal electromotive force
(Approx. 1
µV)
TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Data communication equipment
• Computer
TYPES
*Indicate the peak AC and DC values.
Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
Type
I/O isolation
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
AC/DC
Standard 1,500 V AC
350 V
130 mA
AQV210E
AQV210EA
AQV210EAX
AQV210EAZ
1 tube contains
50 pcs.
1 batch contains
500 pcs.
1,000 pcs.
400 V
120 mA
AQV214E
AQV214EA
AQV214EAX
AQV214EAZ
Reinforced 5,000 V
350 V
130 mA
AQV210EH
AQV210EHA
AQV210EHAX
AQV210EHAZ
400 V
120 mA
AQV214EH
AQV214EHA
AQV214EHAX
AQV214EHAZ
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Sym-
bol
Type of
connec-
tion
AQV210E(A)
AQV214E(A)
AQV210EH(A)
AQV214EH(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
350 V
400 V
350 V
400 V
Continuous load current
IL
A
0.13 A
0.12 A
0.13 A
0.12 A
A connection: Peak AC, DC;
B, C connection: DC
B
0.15 A
0.13 A
0.15 A
0.13 A
C
0.17 A
0.15 A
0.17 A
0.15 A
Peak load current
Ipeak
0.4 A
0.3 A
0.4 A
0.3 A
A connection: 100 ms (1 shot),
VL=DC
Power dissipation
Pout
500 mW
Total power dissipation
PT
550 mW
I/O isolation voltage
Viso
1,500 V AC
5,000 V AC
Temperature limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temp.
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQV210EHAZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV210EHAZ PANASONIC-AQV210EHAZ Datasheet
85Kb / 4P
   High cost-performance DIP6-pin type, reinforced insulation available Computers
More results

Similar Description - AQV210EHAZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com