Electronic Components Datasheet Search |
|
BUK9615-100A Datasheet(PDF) 2 Page - NXP Semiconductors |
|
BUK9615-100A Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 9 page Philips Semiconductors Product specification TrenchMOS transistor BUK9515-100A Logic level FET BUK9615-100A STATIC CHARACTERISTICS T j= 25˚C unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT V (BR)DSS Drain-source breakdown V GS = 0 V; ID = 0.25 mA; 100 - - V voltage T j = -55˚C 89 - - V V GS(TO) Gate threshold voltage V DS = VGS; ID = 1 mA 1 1.5 2.0 V T j = 175˚C 0.5 - - V T j = -55˚C - - 2.3 V I DSS Zero gate voltage drain current V DS = 100 V; VGS = 0 V; - 0.05 10 µA T j = 175˚C - - 500 µA I GSS Gate source leakage current V GS = ±10 V; VDS = 0 V - 2 100 nA R DS(ON) Drain-source on-state V GS = 5 V; ID = 25 A - 12 15 m Ω resistance T j = 175˚C - - 40.5 m Ω V GS = 10 V; ID = 25 A - 11.5 14.4 m Ω V GS = 4.5 V; ID = 25 A - - 16 m Ω DYNAMIC CHARACTERISTICS T mb = 25˚C unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT C iss Input capacitance V GS = 0 V; VDS = 25 V; f = 1 MHz - 6500 8600 pF C oss Output capacitance - 550 660 pF C rss Feedback capacitance - 325 400 pF t d on Turn-on delay time V DD = 30 V; Rload =1.2Ω; - 45 65 ns t r Turn-on rise time V GS = 5 V; RG = 10 Ω - 130 195 ns t d off Turn-off delay time - 400 560 ns t f Turn-off fall time - 130 190 ns L d Internal drain inductance Measured from drain lead 6 mm - 4.5 - nH from package to centre of die L d Internal drain inductance Measured from contact screw on - 3.5 - nH tab to centre of die(TO220AB) L d Internal drain inductance Measured from upper edge of drain - 2.5 - nH tab to centre of die(SOT404) L s Internal source inductance Measured from source lead to - 7.5 - nH source bond pad REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS T j = 25˚C unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT I DR Continuous reverse drain - - 75 A current I DRM Pulsed reverse drain current - - 313 A V SD Diode forward voltage I F = 25 A; VGS = 0 V - 0.85 1.2 V I F = 75 A; VGS = 0 V - 1.1 - V t rr Reverse recovery time I F = 75 A; -dIF/dt = 100 A/µs; - 60 - ns Q rr Reverse recovery charge V GS = -10 V; VR = 30 V - 0.24 - µC November 1999 2 Rev 1.000 |
Similar Part No. - BUK9615-100A |
|
Similar Description - BUK9615-100A |