Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW214AZ Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQW214AZ
Description  GU (General Use) Type [2-Channel (Form A) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW214AZ Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQW214AZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW214AZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW214AZ Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQW21r
59
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
1.0
1.5
–40
2.0
0
–20
20
40
60
8085
0.5
AQW212,AQW215
AQW216,AQW210,AQW217
AQW214
Ambient temperature,
°C
0
0.1
0.2
0.3
0.4
–40
0
–20
20
40
60
8085
AQW212,215
AQW214
AQW216,210,217
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
6. LED turn off current vs. ambient temperature
characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: All types;
LED current: 5 to 50 mA
8.-(1) Voltage vs. current characteristics of out-
put at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1.0
1.1
1.2
1.3
–40
0
–20
20
40
60
8085
1.4
5mA
1.5
Ambient temperature,
°C
50mA
30mA
20mA
10mA
1.0
0.6
0.2
0
–1.0
–0.6
–0.2
–0.5
–0.4
–0.1
0.5
0.4
0.1
0.2
0.3
–0.2
–0.3
–0.4
–0.8
0.4
0.8
AQW212
AQW215
Voltage, V
8.-(2) Voltage vs. current characteristics of out-
put at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
10. LED forward current vs. turn on time char-
acteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
5
3
1
–5
–3
–1
–200
–160
–40
200
160
40
80
120
–80
–120
–2
–4
24
AQW217
AQW216
AQW214
Voltage, V
AQW210
0
60
100
10
–3
10
–6
10
–9
10
–12
20
40
80
AQW216
AQW214
Load voltage, V
0
0.2
0.4
0.6
0.8
1.2
1.0
10
20
30
40
50
AQW210,AQW216,AQW217
AQW212,AQW215
AQW214
LED forward current, mA
11. LED forward current vs. turn off time char-
acteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
0
0.02
0.04
0.08
0.06
10
020
30
40
0.12
50
0.10
AQW212
AQW215
AQW216
AQW210,217
AQW214
LED forward current, mA
0
50
100
200
10
20
30
40
50
150
0
AQW212
AQW215
AQW217
AQW214
AQW216,AQW210
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - AQW214AZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW214AZ PANASONIC-AQW214AZ Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
More results

Similar Description - AQW214AZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com