Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA1111C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FA1111C
Description  F_1111C Series Ultra Compact AllnGaP SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FA1111C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FA1111C Datasheet HTML 1Page - List of Unclassifed Manufacturers FA1111C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Guide
Product Guide
Product Guide
s Outline Dimensions
s Features
• Meets industry standards for 1608 (0603) footprint
• Provides bright, wide and uniform spatial distribution
• Excellent for cellular telephone key pads,
LCD backlighting and pager display applications
s Applications
• Mobile devices (cellular telephones, PDAs, pagers)
• Industrial / Medical instrumentation
Epoxy
PCB
PCB Warpage direction
F_1111C Series Ultra Compact AlInGaP SMT LED
F_1111C Series Ultra Compact AlInGaP SMT LED
Unit: mm
Tolerances + 0.1
s Electro-Optical Characteristics
Part No.
Milky
White
TYP.
IF
Wavelength
Spectral Line
Half Width
Forward
Voltage VF
TYP.
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle
(2
θ 1/2)
Red
Orange
Yellow
50
65
65
25
25
25
20
20
20
635
609
592
626
605
590
15
15
15
20
20
20
1.9
1.9
1.9
2.4
2.4
2.4
20
20
20
100
100
100
5
5
5
AlInGaP
AlInGaP
AlInGaP
FR1111C
FA1111C
FY1111C
Units
mcd
mA
nm
mA
mA
µA
V
Deg.
V
MIN.
∆λ
λ
TYP.
Peak
λ
λp
TYP.
Dominant
λ
λd
TYP.
IF
Luminous
Intensity IV
Lens
Color
Emitted
Color
140°
Material
(Ta=25°C)


Similar Part No. - FA1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FA1111C STANLEY-FA1111C Datasheet
374Kb / 20P
   Single Color High Brightness Type
FA1111C-0105 STANLEY-FA1111C-0105 Datasheet
432Kb / 24P
   Single Color Low Current Type
FA1111C-0105 STANLEY-FA1111C-0105 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
FA1111C-TR STANLEY-FA1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
More results

Similar Description - FA1111C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA1112H ETC1-FA1112H Datasheet
160Kb / 2P
   Thin Type AllnGaP SMT LED
logo
Lite-On Technology Corp...
LTST-C150KYKT LITEON-LTST-C150KYKT Datasheet
324Kb / 6P
   Ultra bright AllnGaP Chip LED
LTST-C150KAKT LITEON-LTST-C150KAKT Datasheet
322Kb / 6P
   Ultra bright AllnGaP Chip LED
LTST-C150KEKT LITEON-LTST-C150KEKT Datasheet
322Kb / 6P
   Ultra bright AllnGaP Chip LED
LTST-C230KAKT LITEON-LTST-C230KAKT Datasheet
314Kb / 6P
   Ultra bright AllnGap Chip LED
logo
List of Unclassifed Man...
BRPG1211C ETC-BRPG1211C Datasheet
170Kb / 2P
   Bi-Color Ultra Compact SMT LED
DG1111C ETC1-DG1111C Datasheet
161Kb / 2P
   D_1111C Series, Ultra Compact InGaN/SiC SMT LED
FA1105W ETC1-FA1105W Datasheet
163Kb / 3P
   F_1105W Swries, Dome Lens Type AllnGaP SMT LED
logo
Unity Opto Technology
MVL-514UOL UOT-MVL-514UOL Datasheet
38Kb / 2P
   Performance AllnGaP LED Lamps
MVL-514UYL UOT-MVL-514UYL Datasheet
39Kb / 2P
   Performance AllnGaP LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com