Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8735AK-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8735AK-01
Description  1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8735AK-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8735AK-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8735AK-01 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
8735AY-01
www.icst.com/products/hiperclocks.html
REV. F NOVEMBER 12, 2004
6
Integrated
Circuit
Systems, Inc.
ICS8735-01
1:5 DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
CYCLE-TO-CYCLE JITTER
-1.3V ± 0.165V
tsk(o)
nQx
Qx
nQy
Qy
V
CMR
Cross Points
V
PP
V
CC
V
EE
CLK0,
CLK1
nCLK0,
nCLK1
OUTPUT RISE/FALL TIME
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
PROPAGATION DELAY
PHASE JITTER & STATIC PHASE OFFSET
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
Q0:Q4
nQ0:nQ4
t
PD
CLK0,
CLK1
nCLK0,
nCLK1
Q0:Q4
nQ0:nQ4
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
Q0:Q4
nQ0:nQ4
(where
t(Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on controlled edges)
t (Ø) mean = Static Phase Offset
t(Ø)
V
OH
V
OL
V
OH
V
OL
nCLK0,
nCLK1
nFB_IN
FB_IN
tjit(Ø) = t(Ø) — t(Ø) mean = Phase Jitter
CLK0,
CLK1
V
CC,
V
CCA,
V
CCO
V
EE


Similar Part No. - ICS8735AK-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS8735AM-21 ETC-ICS8735AM-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
ICS8735AM-21T ETC-ICS8735AM-21T Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
More results

Similar Description - ICS8735AK-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
   700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com