Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S08-1DCI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT23S08-1DCI
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08-1DCI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT23S08-1DCI Datasheet HTML 2Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 3Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 4Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 5Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 6Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 7Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 8Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 9Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08
3.3V ZERO DELAY CLOCK MULTIPLIER
NOTE:
1. Applies to both REF and FBK.
DC ELECTRICAL CHARACTERISTICS - INDUSTRIAL
Symbol
Parameter
Conditions
Min.
Typ.(1)
Max.
Unit
VIL
InputLOWVoltageLevel
0.8
V
VIH
Input HIGH Voltage Level
2
V
IIL
InputLOWCurrent
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
OutputLOWVoltage
IOL = 8mA (-1, -2, -3, -4)
0.4
V
IOL = 12mA (-1H, -2H, -5H)
VOH
Output HIGH Voltage
IOH = -8mA (-1, -2, -3, -4)
2.4
V
IOH = -12mA (-1H, -2H, -5H)
IDD_PD
Power Down Current
REF = 0MHz (S2 = S1 = H)
25
µA
100MHz CLKA (-1, -2, -3, -4)
45
100MHz CLKA (-1H, -2H, -5H)
70
IDD
SupplyCurrent
UnloadedOutputs
66MHz CLKA (-1, -2, -3, -4)
32
mA
Select Inputs at VDD or GND
66MHz CLKA (-1H, -2H, -5H)
50
33MHz CLKA (-1, -2, -3, -4)
18
33MHz CLKA (-1H, -2H, -5H)
30
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VDD
SupplyVoltage
3
3.6
V
TA
OperatingTemperature(AmbientTemperature)
-40
+85
°C
CL
Load Capacitance below 100MHz
30
pF
Load Capacitance from 100MHz to 133MHz
15
pF
CIN
InputCapacitance(1)
—7
pF
OPERATING CONDITIONS- INDUSTRIAL


Similar Part No. - IDT23S08-1DCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E-1DC IDT-IDT23S08E-1DC Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E-1DCI IDT-IDT23S08E-1DCI Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S08-1DCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com