Electronic Components Datasheet Search |
|
IDT23S08-3DCI Datasheet(PDF) 8 Page - Integrated Device Technology |
|
IDT23S08-3DCI Datasheet(HTML) 8 Page - Integrated Device Technology |
8 / 10 page 8 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDT23S08 3.3V ZERO DELAY CLOCK MULTIPLIER Output 1.4V t5 1.4V Output Input t6 VDD/2 FBK VDD/2 t7 VDD/2 FBK, Device 2 VDD/2 FBK, Device 1 1.4V 1.4V t2 t1 1.4V 2V 0.8V t3 t4 0.8V 3.3V 0V 2V Output SWITCHING WAVEFORMS Duty Cycle Timing All Outputs Rise/Fall Time Output to Output Skew Input to Output Propagation Delay Device to Device Skew |
Similar Part No. - IDT23S08-3DCI |
|
Similar Description - IDT23S08-3DCI |