Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024AL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS62C1024AL
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C1024AL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS62C1024AL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62C1024AL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
01/24/05
ISSI®
IS62C1024AL
IS65C1024AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range, Standard and Low Power)
-35 ns
-45 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
35
45
ns
tSCE1
CE1 to Write End
25
35
ns
tSCE2
CE2 to Write End
25
35
ns
tAW
Address Setup Time to Write End
25
35
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Setup Time
0
0
ns
tPWE(4)
WE Pulse Width
25
35
ns
tSD
Data Setup to Write End
20
25
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE(2)
WE LOW to High-Z Output
10
15
ns
tLZWE(2)
WE HIGH to Low-Z Output
3
5
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.6 to 2.4V
and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
4. Tested with
OE HIGH.
Notes:
1.
WE is HIGH for a Read Cycle.
2. The device is continuously selected.
OE, CE1 = VIL, CE2 = VIH.
3. Address is valid prior to or coincident with
CE1 LOW and CE2 HIGH transitions.
READ CYCLE NO. 2(1,3)
tRC
tOHA
tAA
tDOE
tLZOE
tACE1/tACE2
tLZCE1/
tLZCE2
tHZOE
HIGH-Z
DATA VALID
tHZCE
ADDRESS
OE
CE1
CE2
DOUT


Similar Part No. - IS62C1024AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS62C1024AL ETC2-IS62C1024AL Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C1024AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com