Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1838EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1838EEE
Description  Dual USB Switch with Fault Blanking and Autoreset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1838EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1838EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual USB Switch with Fault Blanking
and Autoreset
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN__ = VAUX__ = V ON = 5V, SEL = GND, ADJ_ = open, TA = -40
°C to +85°C, unless otherwise noted. Circuit of Figure 1.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
VIN_ – VOUT_ = 0.5V, SEL = AUX_
0.6
1.2
Current-Limit Threshold
ILIM
VAUX_ – VOUT_ = 0.5V, SEL = GND
0.6
1.2
A
SEL = GND, VOUT_ = 0 (IOUT_ pulsing)
0.6
1.8
Short-Circuit Current Limit
ISHORT
SEL = AUX_, VOUT_ = 0
0.6
1.8
APEAK
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT_ assertion
940
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT_ assertion
740
ms
Turn-On Delay
ROUT_ = 10
Ω, does not include rise time
(from ON asserted to VOUT_ = 10% of
VIN_), COUT_ = 1µF
0.5
4
ms
Turn-Off Delay from ON
ROUT_ = 10
Ω, does not include fall time
(from ON asserted to VOUT_ = 90% of
VIN_), COUT_ = 1µF
3ms
Logic Input High Voltage
VIN_ = 4V to 5.5V
2
V
Logic Input Low Voltage
VIN_ = 4V to 5.5V
0.8
V
Logic Input Current
V ON = 0 or 5.5V
-1
1
µA
FAULT_ Output Low Voltage
VIN_ = 4V, sinking 1mA
0.4
V
FAULT_ Output High Leakage
Current
VIN_ = V FAULT_ = 5.5V
1
µA
Autoreset Current
In latched-off state, VOUT_ = 0
10
55
mA
Autoreset Threshold
In latched-off state, VOUT_ rising
0.4
0.6
V
Autoreset Blanking Time
In latched-off state, VOUT_ > 1 V
9
40
ms
AUX_ to IN_ or IN_ to AUX_
Select Delay
Make-before-break (Note 1)
4.5
18
ms
Note 1: SEL delay includes both make and break delay. The host system should wait for at least this interval before turning off the
appropriate input supply.
Note 2: Specifications from 0
°C to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1838EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838EEE MAXIM-MAX1838EEE Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
More results

Similar Description - MAX1838EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com