Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1906S Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1906S
Description  Li Battery-Pack Protector with Integrated Fuse Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1906S Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1906S Datasheet HTML 6Page - Maxim Integrated Products MAX1906S Datasheet HTML 7Page - Maxim Integrated Products MAX1906S Datasheet HTML 8Page - Maxim Integrated Products MAX1906S Datasheet HTML 9Page - Maxim Integrated Products MAX1906S Datasheet HTML 10Page - Maxim Integrated Products MAX1906S Datasheet HTML 11Page - Maxim Integrated Products MAX1906S Datasheet HTML 12Page - Maxim Integrated Products MAX1906S Datasheet HTML 13Page - Maxim Integrated Products MAX1906S Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Protection Features
Overvoltage Detection
If any cell voltage exceeds the overvoltage threshold,
the MAX1906 stops sampling and monitors the cell volt-
age continuously. If the overvoltage condition persists
for more than 2.1s, the device turns on an internal SCR
and also drives the DRV pin high. The internal SCR or
the external MOSFET sinks sufficient current to blow the
three-terminal protection fuse and permanently open
the battery pack’s charge path. See the overvoltage
protection flowchart in Figure 8. Also see the Fuse
Drive Options section for discussion on current capabil-
ity for both the internal SCR and external MOSFET.
The MAX1906 remains in overvoltage mode until the
cell voltage drops to 90% of the overvoltage threshold
(VREL) and the rest of cells are below the overvoltage
threshold. The DRV pin then goes low, which turns off
an external MOSFET. The internal SCR does not
unlatch until power is removed.
Disconnected Pin Detection
The MAX1906 tests for disconnected voltage sense pins
each time it exits the standby or test mode. To check for
a disconnection, the MAX1906 applies a 10µA current
source to each B_P pin. A disconnected pin is detected
if the B_P pin under test falls to within 1.2V of the cell’s
negative terminal. The DISCON pin is then pulled low.
This condition persists while the MAX1906 is in normal
operating mode, and resets only when the MAX1906
enters the standby or test mode. See Figure 9 for the
disconnected pin detection flowchart.
Li+ Battery-Pack Protector with
Integrated Fuse Driver
10
______________________________________________________________________________________
STOP SAMPLING
AND START 2.1s
TIMER AND MONITOR
CELL CONTINUOUSLY
DRV = H
SCR LATCHED
WAIT
2.56s
DRV = L
SAMPLE B_P
SAMPLE MODE
B_P > VOV_TH CONTINUOUSLY
AND TIMER = 2.1s?
B_P < VREL AND THE
REST B_P < VOV_TH ?
B_P > VOV_TH ?
ALL CELLS CHECKED?
YES
YES
YES
YES
NO
NO
NO
NO
DISCON = H
DISCON = L
CHECK DISCONNECTION
OF B_P PIN
SAMPLE MODE
EXIT FROM STANDBY MODE OR TEST MODE
ALL PINS CHECKED?
IS B_P AT LEAST 1.2V ABOVE
NEGATIVE TERMINAL
YES
YES
NO
NO
Figure 8. Overvoltage Protection
Figure 9. Disconnected Pin Description


Similar Part No. - MAX1906S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1906S

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com