Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9092-01 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9092-01
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9092-01 Datasheet HTML 1Page - OKI electronic componets ML9092-01 Datasheet HTML 2Page - OKI electronic componets ML9092-01 Datasheet HTML 3Page - OKI electronic componets ML9092-01 Datasheet HTML 4Page - OKI electronic componets ML9092-01 Datasheet HTML 5Page - OKI electronic componets ML9092-01 Datasheet HTML 6Page - OKI electronic componets ML9092-01 Datasheet HTML 7Page - OKI electronic componets ML9092-01 Datasheet HTML 8Page - OKI electronic componets ML9092-01 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
OKI Semiconductor
FEDL9092-01
Issue Date: Nov. 4, 2003
ML9092-01/02/03/04
LCD Driver with Key Scanner and RAM
1/66
GENERAL DESCRIPTION
The ML9092-01/02/03/04 are LCD drivers that have internal RAM and a key scan function. They are best suited
for car audio displays.
Since 1-bit data of the display data RAM corresponds to the light-on or light-off of 1-dot of the LCD panel (a bit
map system), a flexible display is possible.
A graphic display system of a maximum of 60
× 10 dots (56 × 10 dots for ML9092-01, 60 × 10 dots for
ML9092-02/03/04). can be implemented.
The ML9092-01/02 do not require any power supply circuit to drive the LCD, because they have internal voltage
doublers. (If a large-sized panel is driven, use the ML9092-03, to which the LCD driving voltage is supplied
externally.)
The internal key scan circuit (5
× 5 key scanning for ML9092-01/04, 6 × 4 key scanning for ML9092-02/03) has
eliminated the needs of key scanning by the CPU, thereby enabling the efficient use of the CPU ports.
FEATURES
• Logic voltage
: 4.5 to 5.5 V
• LCD drive voltage
: 4.5 to 16.5 V (positive voltage)
• Segment output
: 56 outputs for ML9092-01; 60 outputs for ML9092-02/03/04
• Common output
: 10 outputs
• Built-in bit-mapped RAM
: 60
× 10 = 600 bits (for ML9092-01 only: 56 × 10 = 560 bits for the RAM
display area)
• 4-pin serial interface with CPU:
CS, CP, DI/O, KREQ
• Built-in LCD drive bias resistors
• Built-in voltage doubler circuit
• For the ML9092-01/04, the built-in 5 × 5 key scanner makes it possible to read the status of 25 key switches and
1-channel rotary encoder. In addition, the ML9092-01/04 have an 8-bit, 3-channlel PWM circuit built in.
For the ML9092-02/03, the built-in 6
× 4 key scanner makes it possible to read the status of 24 key switches and
1-channel rotary encoder.
• Port A output
: 1 pin, output current = –15 mA
: Can be used for LED driving
• Port B output
: 3 pins, output current = –2 mA
: Applies to ML9092-01/04 (capable of PWM
output)
• Port C output
: 5 pin, output current = –2 mA
: Applies to ML9092-01 only
• Port D output
: 5 pins, output current = –2 mA
: Applies to ML9092-01 only
• Temperature range
: –40 to +85
°C
• Package: 100-pin plastic TQFP (TQFP100-P-1414-0.50-K)
(Product name: ML9092-01TB, ML9092-02TB, ML9092-03TB, ML9092-04TB)


Similar Part No. - ML9092-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
More results

Similar Description - ML9092-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com