Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZXGD3111N7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXGD3111N7
Description  ACTIVE ORING MOSFET CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3111N7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXGD3111N7 Datasheet HTML 2Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 3Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 4Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 5Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 6Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 7Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 8Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 9Page - Diodes Incorporated ZXGD3111N7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXGD3111N7
Document Number DS38273 Rev. 4 - 2
9 of 10
www.diodes.com
October 2018
© Diodes Incorporated
ZXGD3111N7
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-7
SO-7
Dim
Min
Max
Typ
A2
1.40
1.50
1.45
A1
0.10
0.20
0.15
b
0.30
0.50
0.40
c
0.15
0.25
0.20
D
4.85
4.95
4.90
E
5.90
6.10
6.00
E1
3.80
3.90
3.85
E1a
3.85
3.95
3.90
e
1.27
h
0.35
L
0.62
0.82
0.72
Q
0.60
0.70
0.65
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-7
Dimensions
Value
(in mm)
C
1.270
X
0.802
X1
4.612
Y
1.505
Y1
6.500
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
1
b
e
E
A2
A1
9° (All sides)
4°± 3°
c
Q
h
45°
R 0.1
D
E1a
E1
L
Seating Plane
Gauge Plane
C
X
Y
Y1
X1


Similar Part No. - ZXGD3111N7

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
ZXGD3111N8TC DIODES-ZXGD3111N8TC Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
More results

Similar Description - ZXGD3111N7

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
Bel Fuse Inc.
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
International Rectifier
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
Sensitron
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
International Rectifier
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
Vicor Corporation
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com