Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6535 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM6535
Description  25 mA - 150 mA Forward Current 70 ns Recovery Time
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM6535 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM6535 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
168
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
5,000 V - 10,000 V Rectifiers
25 mA - 150 mA Forward Current
70 ns Recovery Time
SM6525 SM6527
SM6533 SM6535
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
(1)TC=55°C (2)TC=100°C (3)If=.125mA, Ir=250mA, Irr=63mA *Op. Temp.= -65°C to +175°C Stg. Temp.= -65°C to +200°C
PAD LAYOUT
.400(10.16)
.125(3.18)
.100(.254)
Plating:
200-300µin 90/10 tinlead over 50µin
nickel.
SURFACE MOUNT
HERMETICALLY SEALED
.500(12.70)
.070(1.78)
R.015(0.38) (TYP)
.050(1.27)
.050(1.27)
.530(13.46)
.150
(3.81)
.165
(4.19)
.105(2.67)
.150
(3.81)
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
θ C-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
VA
mA
mA
µA
µs
t
l
o
VA
ms
p
m
As
p
m
As
nW
/
C
°F
p
5
2
5
6
M
S
7
2
5
6
M
S
0
0
0
5
0
0
0
0
1
0
5
1
0
0
1
5
7
0
5
5
.
0
5
.
0
0
2
0
2
0
.
7
0
.
2
1
0
5
1
0
0
1
0
1
5
0
0
.
2
0
0
.
1
0
7
0
7
0
4
0
4
0
.
4
0
.
3
3
3
5
6
M
S
5
3
5
6
M
S
0
0
0
5
0
0
0
0
1
0
5
5
2
5
2
2
1
1
.
0
1
.
0
0
1
0
1
0
.
9
0
.
4
1
5
2
5
2
4
2
5
7
.
0
8
3
.
0
0
7
0
7
0
5
0
5
0
.
2
0
.
1


Similar Part No. - SM6535

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SM6535 VMI-SM6535 Datasheet
29Kb / 1P
   5,000 V - 10,000 V Rectifiers 25 mA - 150 mA Forward Current 70 ns Recovery Time
More results

Similar Description - SM6535

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SM6525 VMI-SM6525 Datasheet
29Kb / 1P
   5,000 V - 10,000 V Rectifiers 25 mA - 150 mA Forward Current 70 ns Recovery Time
X150FG VMI-X150FG Datasheet
93Kb / 2P
   15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
logo
List of Unclassifed Man...
1N6616 ETC-1N6616 Datasheet
100Kb / 2P
   3.0 A Forward Current 70 ns Recovery Time
logo
Voltage Multipliers Inc...
MD60FF18 VMI-MD60FF18 Datasheet
31Kb / 1P
   1,800 V Rectifiers 250 mA Forward Current 30 ns - 50 ns Recovery Time
logo
List of Unclassifed Man...
X20FF3 ETC-X20FF3 Datasheet
94Kb / 2P
   2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
logo
Voltage Multipliers Inc...
X25FG VMI-X25FG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
M25FG VMI-M25FG Datasheet
96Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
M25UFG VMI-M25UFG Datasheet
96Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
M25UFG VMI-M25UFG_10 Datasheet
50Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com