Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3178 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3178
Description  4-Bit Programmable Synchronous Buck Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3178 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3178 Datasheet HTML 7Page - Analog Devices ADP3178 Datasheet HTML 8Page - Analog Devices ADP3178 Datasheet HTML 9Page - Analog Devices ADP3178 Datasheet HTML 10Page - Analog Devices ADP3178 Datasheet HTML 11Page - Analog Devices ADP3178 Datasheet HTML 12Page - Analog Devices ADP3178 Datasheet HTML 13Page - Analog Devices ADP3178 Datasheet HTML 14Page - Analog Devices ADP3178 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
ADP3158/ADP3178
–11–
0
0
2
OUTPUT CURRENT – A
10
20
30
40
50
60
70
80
90
100
46
8
10
12
14
16
18
20
Figure 5. Efficiency vs. Load Current of the Circuit
of Figure 3
To correctly implement active voltage positioning, the low fre-
quency output impedance (i.e., the output resistance) of the
converter should be made equal to the maximum ESR of the
output capacitor array. This can be achieved by having a single-
pole roll-off of the voltage gain of the gm error amplifier, where
the pole frequency coincides with the ESR zero of the output
capacitor. A gain with single-pole roll-off requires that the gm
amplifier output pin be terminated by the parallel combination
of a resistor and capacitor. The required resistor value can be
calculated from the equation:
R
RR
RR
Mk
Mk
k
COMP
OGM
TOTAL
OGM
TOTAL
=
×
=
Ω×
ΩΩ
=Ω
.
– .
.
19 1
19 1
92
(24)
where:
R
nR
gR
m
mmho
m
k
TOTAL
I
SENSE
m
E MAX
=
×
×
=
×Ω
×Ω
=Ω
()
.
.
25
4
22
5
91
(25)
In Equations 24 and 25, ROGM is the internal resistance of the gm
amplifier, nI is the division ratio from the output voltage to
signal of the gm amplifier to the PWM comparator, and gm is the
transconductance of the gm amplifier itself.
Although a single termination resistor equal to RCOMP would yield
the proper voltage positioning gain, the dc biasing of that resistor
would determine how the regulation band is centered (i.e., offset).
Note that sometimes the specified regulation band is asymmetrical
with respect to the nominal VID voltage. With the ADP3158 and
ADP3178, the offset is already considered part of the design
procedure—no special provision is required. To accomplish the dc
biasing, it is simplest to use two resistors to terminate the gm
amplifier output, with the lower resistor (RB) tied to ground and
the upper resistor (RA) to the 12 V supply of the IC. The values of
these resistors can be calculated using:
R
V
gV
K
V
mmho
mV
k
A
DIV
m
OUT OS
=
×+
=
×+
×
=Ω
()
.(
.
)
.
()
12
22
22
47
10
79 1
2
(26)
where K is a constant determined by internal characteristics of the
ADP3158 and ADP3178, peak-to-peak inductor current ripple
(IRIPPLE), and the current sampling resistor (RSENSE). K can be
calculated using Equations 28 and 29. VDIV is the resistor divider
supply voltage (e.g., the recommended 12 V supply) and VOUT(OS) is
the output voltage offset from the nominal VID-programmed value
under no load condition. This offset is given by Equation 30.
The closest 1% value for RA is 78.7 k
Ω. This value is then used
to solve for RB:
R
RR
RR
kk
kk
k
B
A
COMP
A
COMP
=
×
=
Ω×
ΩΩ
=Ω
..
.
– .
.
78 7
9 2
78 7
9 2
10 4
(27)
The nearest 1% value of 10.5 k
Ω was chosen for R
B.
K
I
Rn
gR
V
gR
V
gR
K
Am
mmho
k
mmho
k
V
mmho
k
L RIPPLE
SENSE
I
m
TOTAL
GNL
m
TOTAL
CC
m
OGM
×
×


+
××
Ω×
×Ω


+
×Ω
××
()
()
.
..
.
..
.
.
22
38
2
425
22
91
1 174
22
91
12
2
2 2
130
47
10
2
VV
V
RI
Vk
VmV
mA
VmV
OUT OS
OUT MAX
VID
E MAX
L RIPPLE
VID
VID
OUT OS
()
(
)
()
(
)
()
.
.
=−
()
×
−×
=−
Ω×
−× ×
=
2
40
53 8
2
17
5 10
22
3
Finally, the compensating capacitance is determined from the
equality of the pole frequency of the error amplifier gain and the
zero frequency of the impedance of the output capacitor:
C
C
ESR
R
mF
m
k
nF
OC
OUT
TOTAL
=
×
=
×Ω
=
54 8
91
26
.
.
.
(31)
The closest standard value for COC is 2.7 nF.
(28)
VV
IR
n
VV
L
tR
n
VV
Am
V
V
H
ns
m
V
GNL
GNL
L RIPPLE
SENSE
I
IN
VID
D
SENSE
I
GNL
=+
××
××
×


=+
×Ω ×
µ
××
Ω ×


=
0
2
1
38
4
25
2
51 7
15
75
4
25
1 174
()
.
– .
.
.
(29)
(30)


Similar Part No. - ADP3178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3178JR AD-ADP3178JR Datasheet
191Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
More results

Similar Description - ADP3178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3193 AD-ADP3193 Datasheet
191Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3159 AD-ADP3159 Datasheet
231Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
   4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com