Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1405-03CP Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1405-03CP
Description  LCD EMI Filter Array with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1405-03CP Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1405-03CP Datasheet HTML 1Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 2Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 3Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 4Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 5Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 6Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 7Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 8Page - California Micro Devices Corp CM1405-03CP Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/16/04
CM1405
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
N051
4
3
26
7
8
5
1
C
B
A
Orientation
Marking
(see note 2)
N053
4
3
26
7
8
5
1
C
B
A
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
(Bumps Up View)
TOP VIEW
(Bumps Down View)
CM1405-03
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER7
FILTER8
GND
FILTER7
FILTER8
A8
A7
B4
C8
C7
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER7
FILTER8
GND
FILTER7
FILTER8
A8
A7
B4
C8
C7
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
CM1405-01
Chip Scale Package
Chip Scale Package
PIN DESCRIPTIONS
PIN(s)
NAME
DESCRIPTION
PIN(s)
NAME
DESCRIPTION
A1
FILTER1
Filter Channel 1
C1
FILTER1
Filter Channel 1
A2
FILTER2
Filter Channel 2
C2
FILTER2
Filter Channel 2
A3
FILTER3
Filter Channel 3
C3
FILTER3
Filter Channel 3
A4
FILTER4
Filter Channel 4
C4
FILTER4
Filter Channel 4
A5
FILTER5
Filter Channel 5
C5
FILTER5
Filter Channel 5
A6
FILTER6
Filter Channel 6
C6
FILTER6
Filter Channel 6
A7
FILTER7
Filter Channel 7
C7
FILTER7
Filter Channel 7
A8
FILTER8
Filter Channel 8
C8
FILTER8
Filter Channel 8
B1-B4
GND
Device Ground
PART NUMBERING INFORMATION
Bumps
PKG
Standard Finish
Lead-free Finish2
No Coating
OptiguardTM Coated
No Coating
OptiguardTM Coated
Ordering Part
Number1
Part
Marking
Ordering Part
Number1
Part
Marking
Ordering Part
Number1
Part
Marking
Ordering Part
Number1
Part
Marking
20
CSP
CM1405-01CS
N051
CM1405-03CS
N053
CM1405-01CP
N051
CM1405-03CP
N053


Similar Part No. - CM1405-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
More results

Similar Description - CM1405-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
CSPEMI606 CALMIRCO-CSPEMI606 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1452 CALMIRCO-CM1452 Datasheet
170Kb / 6P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com