Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-EMFA-68P Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-EMFA-68P
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-EMFA-68P Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP8-EMFA-68P Datasheet HTML 6Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 7Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 8Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 9Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 10Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 11Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 12Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 13Page - National Semiconductor (TI) COP8-EMFA-68P Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
7.0 Absolute Maximum Ratings (Note
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin (Source)
200 mA
Total Current out of GND Pin (Sink)
200 mA
Storage Temperature Range
−65˚C to +140˚C
ESD Protection Level
2 kV (Human Body
Model)
Note 1: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
8.0 Electrical Characteristics
DC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 2)
Peak-to-Peak
0.1 V
CC
V
Supply Current on V
CC pin(Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
14.5
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
7
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
14.5
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
V
CC = 4.5V, tC = 1.5 µs
7
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
60
103
µA
HALT Current with BOR Disabled (Test Mode
only)(Note 4)
High Speed Mode
V
CC = 5.5V, CKI=0MHz
<110
µA
Dual Clock Mode
V
CC = 5.5V, CKI = 0 MHz,
Low Speed OSC = 32 kHz
<517
µA
Low Speed Mode
V
CC = 5.5V, CKI = 0 MHz,
Low Speed OSC = 32 kHz
<517
µA
Idle Current on V
CC pin (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
2.5
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
1.2
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
2.5
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
V
CC = 4.5V, tC = 1.5 µs
1.2
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
15
30
µA
Supply Current for BOR Feature
V
CC = 5.5V
45
µA
Brownout Trip Level
4.17
4.28
4.5
V
Input Levels (V
IH,VIL)
Logic High
0.8 V
CC
V
Logic Low
0.16 V
CC
V
Internal Bias Resistor for the CKI
Crystal/Resonator Oscillator
0.3
1.0
2.5
M
Hi-Z Input Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−50
−210
µA
Port Input Hysteresis
0.25 V
CC
V
www.national.com
10


Similar Part No. - COP8-EMFA-68P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8-PGMA-DS NSC-COP8-PGMA-DS Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP8-PGMA-DS44P NSC-COP8-PGMA-DS44P Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP8-EMFA-68P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
   28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com