Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H.261 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H.261 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button H.261 Datasheet HTML 23Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 24Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 25Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 26Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 27Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 28Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 29Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 30Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
24
Recommendation H.261
(03/93)
Annex A
Inverse transform accuracy specification
(This annex forms an integral part of this Recommendation)
A.1
Generate random integer pel data values in the range
−L to +H according to the random number generator given
below (“C” version). Arrange into 8 by 8 blocks. Data set of 10 000 blocks should each be generated for (L
= 256, H = 255),
(L
= H = 5) and (L = H = 300).
A.2
For each 8 by 8 block, perform a separable, orthonormal, matrix multiply, forward discrete cosine transform using
at least 64-bit floating point accuracy.
F u v
C u C v
f x y
x
u
y
v
x
y
( , ) =
( ) ( )
( , ) cos[ (
)
] cos[ (
)
]
1
4
0
7
0
7
2
1
16
2
1
16
=
=
∑ ∑
+
+
π
π
/
/
with
u, v, x, y
= 0, 1, 2, . . .,7
where
x,y
= spatial coordinates in the pel domain,
u,v
= coordinates in the transform domain,
C(u)
= 1/ 2 for u = 0; otherwise 1,
C(v)
= 1/ 2 for v = 0; otherwise 1.
A.3
For each block, round the 64 resulting transformed coefficients to the nearest integer values. Then clip them to the
range –2048 to
+2047. This is the 12-bit input data to the inverse transform.
A.4
For each 8 by 8 block of 12-bit data produced by A.3, perform a separable, orthonormal, matrix multiply, inverse
discrete transform (IDCT) using at least 64-bit floating point accuracy. Round the resulting pels to the nearest integer and clip
to the range
−256 to +255. These blocks of 8 × 8 pels are the reference IDCT input data.
A.5
For each 8 by 8 block produced by A.3, apply the IDCT under test and clip the output to the range –256 to
+255.
These blocks of 8
× 8 pels are the test IDCT output data.
A.6
For each of the 64 IDCT output pels, and for each of the 10,000 block data sets generated above, measure the peak,
mean and mean square error between the reference and the test data.
A.7
For any pel, the peak error should not exceed 1 in magnitude.
For any pel, the mean square error should not exceed 0.06.
Overall, the mean square error should not exceed 0.02.
For any pel, the mean error should not exceed 0.015 in magnitude.
Overall, the mean error should not exceed 0.0015 in magnitude.
A.8
All zeros in must produce all zeros out.
A.9
Re-run the measurements using exactly the same data values of A 1, but change the sign on each pel.
“C” program for random number generation
/* L and H must be long, that is 32 bits */
long rand
(L,H)
long
L,H;
{
static long randx
= 1;
/* long is 32 bits */
static double z
= (double) 0x7fffffff;


Similar Description - H.261

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
Marki Microwave
NLTL-6273 MARKIMICROWAVE-NLTL-6273 Datasheet
1Mb / 15P
   GaAs MMIC Non-Linear Transmission Line
NLTL-6794SM MARKIMICROWAVE-NLTL-6794SM Datasheet
2Mb / 25P
   GaAs MMIC Non-Linear Transmission Line
NLTL-6273SM MARKIMICROWAVE-NLTL-6273SM Datasheet
1Mb / 14P
   GaAs MMIC Non-Linear Transmission Line
NLTL-6796SM MARKIMICROWAVE-NLTL-6796SM Datasheet
2Mb / 25P
   GaAs MMIC Non-Linear Transmission Line
NLTL-6275 MARKIMICROWAVE-NLTL-6275 Datasheet
1Mb / 14P
   GaAs MMIC Non-Linear Transmission Line
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN_15 Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
logo
Micro Electronics
MMC4066 MICRO-ELECTRONICS-MMC4066 Datasheet
146Kb / 4P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
STMicroelectronics
HCC4066B STMICROELECTRONICS-HCC4066B Datasheet
266Kb / 11P
   OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
HCF4066B STMICROELECTRONICS-HCF4066B_04 Datasheet
684Kb / 10P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com