Electronic Components Datasheet Search |
|
ILC7082 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
ILC7082 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 16 page ILC7082 REV. 1.6.2 11/17/04 3 Internal Block Diagram Absolute Maximum Ratings Recommended Operating Conditions Parameter Symbol Ratings Units Input Voltage On/Off Input Voltage VIN VON/OFF -0.3 to +13.5 -0.3 to VIN V Output Current IOUT Short circuit protected mA Output Voltage VOUT -0.3 to VIN+0.3 V Package Power Dissipation (SOT-23-5) PD 250 (Internally Limited) mW Maximum Junction Temp Range TJ(max) -40 to +150 °C Storage Temperature TSTG -40 to +125 °C Operating Ambient Temperature TA -40 to +85 °C Package Thermal Resistance θ JA 333 °C/W Parameter Min. Typ. Max. Units Input Voltage VOUT+VDO VOUT+1 13 V Operating Ambient Temperature –40 +85 °C ON/OFF GND VOUT VIN C NOISE FEEDBACK BANDGAP REFERENCE VREFD ERROR AMPLIFIER TRANS- CONDUCTANCE AMPLIFIER INTERNAL VDD |
Similar Part No. - ILC7082 |
|
Similar Description - ILC7082 |