Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C66-3GR Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS93C66-3GR
Description  4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C66-3GR Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS93C66-3GR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. G
04/26/01
IS93C66-3
ISSI®
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (MHz) Order Part No.
Package
1
IS93C66-3P
300-mil Plastic DIP
1
IS93C66-3G
Small Outline (JEDEC)
1
IS93C66-3GR
Small Outline (JEDEC)
Industrial Range: –40°C to +85°C
Speed (MHz) Order Part No.
Package
1
IS93C66-3PI
300-mil Plastic DIP
1
IS93C66-3GI
Small Outline (JEDEC)
1
IS93C66-3GRI
Small Outline (JEDEC)
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com


Similar Part No. - IS93C66-3GR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C66A ISSI-IS93C66A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2GRI ISSI-IS93C66A-2GRI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2GRLI ISSI-IS93C66A-2GRLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2PI ISSI-IS93C66A-2PI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2PLI ISSI-IS93C66A-2PLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C66-3GR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com