Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4063ETE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4063ETE
Description  Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4063ETE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4063ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 9Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 10Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 11Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 12Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 13Page - Maxim Integrated Products MAX4063ETE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Differential Microphone Preamplifier with
Internal Bias and Complete Shutdown
10
______________________________________________________________________________________
Input voltages should be sufficiently small such that the
output is not clipped in either differential or common-
mode application. The topology used in the MAX4063
means that the CMRR actually improves at higher dif-
ferential gains—another advantage of using differential
sensing.
Auxiliary Input
The auxiliary input is a single-ended input intended to
be used with a jack-socket type microphone input
(Figure 1). Internal DC-bias components (as on the
main inputs) allow the input signal to be AC-coupled.
Mechanically switched jack sockets can be used in
conjunction with the INT/AUX select pin, allowing the
auxiliary microphone input to be automatically selected
when a jack socket is inserted.
Microphone Bias Voltage
On the MAX4063 thin QFN package, connect the
exposed paddle (backside of PRS) to the ground
plane. The MAX4063 has an integrated low-noise, low-
output impedance bias voltage. An optimum electret
bias resistor can be set externally. This gives a low-
noise, flexible solution that can run from 2.4V to 5.5V,
which is suitable for hand-held devices such as PDAs
that typically have audio power supplies in the 3V
region (Figure 2).
Output
DC Bias
In shutdown mode, the bias voltage is disabled. OUT
and OUT have a low-noise, DC-bias voltage indepen-
dent of the power supplies, resulting in superior PSRR
performance. The MAX4063 outputs are high imped-
ance when the part is in shutdown mode.
Differential Output
The MAX4063 features a differential output stage (OUT
and OUT), allowing optimum performance when con-
nected to ADCs and CODECs with differential inputs.
This differential output is particularly useful in designs
where the microphone preamplifier is mounted some
distance away from the CODEC/ADC, as the low-imped-
ance, differential line provides excellent noise rejection
and immunity (Figure 4).
Applications Information
Shutdown Mode
The MAX4063 features a low-power, complete shut-
down mode. When SHDN goes low, the supply current
drops to 0.3µA, the output enters a high-impedance
state, and the bias current to the microphone is
switched off. Driving SHDN high enables the amplifier.
SHDN should not be left floating.
Power Supplies and Layout
The MAX4063 operates from a 2.4V to 5.5V single sup-
ply. Bypass the power supply with a 0.1µF capacitor to
ground. In systems where analog and digital grounds
are available, the MAX4063 should be connected to the
analog ground.
IN-
IN+
BIAS
10
9
5
3
AUX_IN
MICROPHONE
INPUT
12
6
VBIAS
SHDN
SHDN
VCC
VCC
2.4V TO 5.5V
MAX4063
INT/AUX 2
OUT 8
OUT 4
ADJ
7
GND
11
1
14
G1
G2
Figure 2. MAX4063 Used for Biasing a Microphone


Similar Part No. - MAX4063ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
More results

Similar Description - MAX4063ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com