Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4063EUD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4063EUD
Description  Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4063EUD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4063EUD Datasheet HTML 5Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 6Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 7Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 8Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 9Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 10Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 11Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 12Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Differential Microphone Preamplifier with
Internal Bias and Complete Shutdown
_______________________________________________________________________________________
9
where:
RADJ is placed between AUX_IN and ADJ.
Input Capacitors
The two differential microphone inputs and the single-
ended auxiliary input of the MAX4063 have on-chip
bias components, allowing the user to AC-couple any
signals into the input. The input resistance is 100k
(typ), so the capacitor size may be chosen accordingly
to define the LF rolloff desired. This can be calculated
as:
CIN = 1 / (2
πfCUTRIN)
This assumes a low source impedance is driving the
inputs.
A further consideration for the differential input is the
effect of these series input capacitors on low-frequency,
common-mode rejection. Any mismatch in the values of
these two capacitors degrades the CMRR at frequen-
cies where the impedance of the capacitor is significant
compared to the input resistance of the amplifier—this is
usually most noticeable at low frequencies. One way to
avoid the need for matched or tight tolerance capaci-
tors is to deliberately oversize the values on the differ-
ential inputs and to set the lower 3dB point (fCUT) of the
amplifier by sizing the output capacitor appropriately.
The input impedance matching on the differential input
is typically 1%, allowing input capacitor matching to be
effective at improving low-frequency PSRR.
Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) refers to the
amount of rejection that the amplifier is capable of pro-
viding to any signal applied equally to the IN+ and IN-
inputs. In the case of amplifying low-level microphone
signals in noisy digital environments, it is a key figure of
merit. In audio circuits, this is generally measured for
VIN as an AC signal:
CMRR(dB) = ADM / ACM
where ADM is the differential gain, ACM is the common-
mode gain.
AV
V
V
AUX
OUT
OUT
AUX_IN
=
− V
Figure 1. MAX4063 with Auxiliary Input Configuration
ADJ
7
AUX_IN
12
5
IN-
IN+
10
9
6
VCC
2.4V TO 5.5V
MAX4063
2
INT/AUX
8
OUT
OUT 4
GND
11
SHDN
VBIAS
SHDN
VCC
3
G2
G1
BIAS
1
14
RBIAS
CBIAS
100k


Similar Part No. - MAX4063EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063EUD MAXIM-MAX4063EUD Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
More results

Similar Description - MAX4063EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com