Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD0966 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD0966
Description  For Low-Frequency Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0966 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD0966 Datasheet HTML 1Page - Panasonic Semiconductor 2SD0966 Datasheet HTML 2Page - Panasonic Semiconductor 2SD0966 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: April 2003
SJC00201BED
2SD0966 (2SD966)
Silicon NPN epitaxial planar type
For low-frequency amplification
For stroboscope
■ Features
• Low collector-emitter saturation voltage V
CE(sat)
• Satisfactory operation performances at high efficiency with the low-
voltage power supply.
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
40
V
Collector-emitter voltage (Base open)
VCEO
20
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
5A
Peak collector current
ICP
8A
Collector power dissipation
PC
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 1 mA, IB = 020
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µA, IC = 07
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 10 V, I
E
= 0
0.1
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 7 V, IC = 0
0.1
µA
Forward current transfer ratio *
1
hFE1 *
2
VCE = 2 V, IC = 0.5 A
180
600
hFE
VCE = 2 V, IC = 2 A
150
Collector-emitter saturation voltage *
1
VCE(sat)
IC = 3 A, IB = 0.1 A
1
V
Transition frequency
fT
VCB = 6 V, IE = −50 mA, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = 20 V, IE = 0, f = 1 MHz
50
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
5.9±0.2
0.7±0.1
4.9±0.2
2.54±0.15
(1.27)
(1.27)
0.45
+0.2
–0.1
0.45
+0.2
–0.1
13
2
1 : Emitter
2 : Collector
3 : Base
EIAJ : SC-51
TO-92L-A1 Package
Rank
P
Q
R
hFE1
180 to 270
230 to 380
340 to 600
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - 2SD0966

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD0965 PANASONIC-2SD0965 Datasheet
88Kb / 3P
   Silicon NPN epitaxial planar type
2SD0968A PANASONIC-2SD0968A Datasheet
72Kb / 3P
   For Low-Frequency Driver Amplification
More results

Similar Description - 2SD0966

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
   For Low-Frequency Amplification
2SD2623 PANASONIC-2SD2623 Datasheet
71Kb / 3P
   For low-frequency amplification
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
logo
Rohm
2SD2696 ROHM-2SD2696_09 Datasheet
194Kb / 4P
   Low frequency transistor (for amplification)
logo
Panasonic Semiconductor
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
   For Low-Frequency Output Amplification
2SC2209 PANASONIC-2SC2209 Datasheet
71Kb / 4P
   For low-frequency power amplification
2SB0819 PANASONIC-2SB0819 Datasheet
81Kb / 4P
   For Low-Frequency Output Amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com