Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3162EEAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3162EEAI
Description  5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3162EEAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3162EEAI Datasheet HTML 6Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 7Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 8Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 9Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 10Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 11Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 12Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 13Page - Maxim Integrated Products MAX3162EEAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
±15kV ESD-Protected, +3.0V to +5.5V, 10nA,
RS-232/RS-485/RS-422 Multiprotocol Transceivers
10
______________________________________________________________________________________
Pin Description (continued)
PIN
MAX3160E
MAX3161E
MAX3162E
NAME
FUNCTION
13
A/R2IN
Noninverting RS-485/RS-422 Receiver Input/RS-232 Receiver
Input
14
B/R1IN
Inverting RS-485/RS-422 Receiver Input/RS-232 Receiver Input
——
15
RE232
RS-232 Receiver Enable. Logic-level low enables
RS-232 receivers.
—1517A
Noninverting RS-485/RS-422 Receiver Input
15
19
DE485/T2IN
RS-485/RS-422 Driver Enable/RS-232 Driver Input
——
16
TE232
RS-232 Transmitter Output Enable
—1618B
Inverting RS-485/RS-422 Receiver Input
16
20
DI/T1IN
RS-485/RS-422 Driver Input/RS-232 Driver Input
—1719
R2IN
RS-232 Receiver Input
17
21
25
V-
Negative Charge-Pump Rail
—1820
R1IN
RS-232 Receiver Input
18
22
26
C2-
Negative Terminal of the Negative Flying Capacitor
19
23
27
C2+
Positive Terminal of the Negative Flying Capacitor
20
24
28
V+
Positive Charge-Pump Rail
——
21
T2IN
RS-232 Driver Input
——
22
DE485
RS-485/RS-422 Driver Enable Input
——
23
DI
RS-485/RS-422 Driver Input
——
24
T1IN
RS-232 Driver Input


Similar Part No. - MAX3162EEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3162EAI MAXIM-MAX3162EAI Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3162EAI++ MAXIM-MAX3162EAI+ Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3162EAI++ MAXIM-MAX3162EAI+ Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
   3.0V to 5.5V Single-Supply Operation
2009
More results

Similar Description - MAX3162EEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com