Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3010KM Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SI-3010KM
Description   1 A, Low-Dropout, 1.0~16 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3010KM Datasheet(HTML) 1 Page - Allegro MicroSystems

  SI-3010KM Datasheet HTML 1Page - Allegro MicroSystems SI-3010KM Datasheet HTML 2Page - Allegro MicroSystems SI-3010KM Datasheet HTML 3Page - Allegro MicroSystems SI-3010KM Datasheet HTML 4Page - Allegro MicroSystems SI-3010KM Datasheet HTML 5Page - Allegro MicroSystems SI-3010KM Datasheet HTML 6Page - Allegro MicroSystems SI-3010KM Datasheet HTML 7Page - Allegro MicroSystems SI-3010KM Datasheet HTML 8Page - Allegro MicroSystems SI-3010KM Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Designed to meet the high-current requirements in industrial and
consumer applications; embedded core, memory, or logic supplies; TVs,
VCRs, and office equipment, the SI-3010KM voltage regulator offers
the reduced dropout voltage and low quiescent current essential for
improved efficiency. This device delivers a regulated output at up to
1 A. Integrated thermal and overcurrent protection enhance overall
system reliability. Devices with fixed output voltages are also available.
Quiescent current does not increase significantly as the dropout
voltage is approached, an ideal feature in standby/resume power systems
where data integrity is crucial. Regulator accuracy and excellent
temperature characteristics are provided by a bandgap reference. An
LS-TTL/CMOS-compatible input gives the designer complete control
over power up, standby, or power down. A pnp pass element provides a
dropout voltage of less than 600 mV at 1 A of load current. Low output
voltages eliminate the need for expensive PWM buck converters. The
low dropout voltage permits more efficient regulation before output
regulation is lost.
This device is supplied in a 5-lead TO-252 style surface-mount
plastic package with ground tab to provide a low-resistance path for
maximum heat dissipation.
FEATURES
■ 1 A Output Current
■ 0.6 V Maximum Dropout Voltage at I
O = 1 A
■ Fast Transient Response
■ 1 µA Maximum Standby Current
■ Adjustable 1.0 ~ 16 V Output Voltage
■ Remote Voltage Sensing
■ Foldback Current Limiting
■ Overvoltage Protection
■ Ground Tab for Superior Heat Dissipation
■ Thermal Protection
APPLICATIONS
■ TVs, VCRs, Electronic Games
■ Embedded Core, Memory, or Logic Supplies
■ Printers and Other Office Equipment
■ Industrial Machinery
■ Secondary-Side Stabilization of Multi-Output SMPS
1 A, Low-Dropout, 1.0~16 V Regulator
Always order by complete part number, e.g., SI-3010KM-TL ,
where “-TL” indicates tape and reel.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . .
35 V
Output Current, I
O . . . . . . . . . . . . .
1 A*
Enable Input Voltage, V
E . . . . . . . . .
V
I
Junction Temperature, T
J . . . .
+125°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-30°C to +125°C
* Output current rating is limited by input
voltage, duty cycle, and ambient tempera-
ture. Under any set of conditions, do not
exceed a junction temperature of +125°C.
SI-3010KM
Sanken Power Devices
from Allegro MicroSystems
Linear
Regulators


Similar Part No. - SI-3010KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3010KM ALLEGRO-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3010KM

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK701XX TOKO-TK701XX Datasheet
116Kb / 6P
   1.0 V LOW DROPOUT LINEAR REGULATOR
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com