Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST19WP18 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST19WP18
Description  Trusted Platform Module (TPM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WP18 Datasheet(HTML) 4 Page - STMicroelectronics

  ST19WP18 Datasheet HTML 1Page - STMicroelectronics ST19WP18 Datasheet HTML 2Page - STMicroelectronics ST19WP18 Datasheet HTML 3Page - STMicroelectronics ST19WP18 Datasheet HTML 4Page - STMicroelectronics ST19WP18 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ST19WP18
4/5
PIN AND SIGNAL OVERVIEW
Figure 4. Pinout description
Table 1. Signal description
Signal
Type
Description
LAD[3:0]
Bidir
Multiplexed Command, Address and Data (see LPC Interface Spec)
LPCPD#
Input
Power Down indicates that the peripheral should prepare for power to be removed
from the LPC i/F devices. Actual power removal is system dependent (see LPC Inter-
face Spec)
LCLK
Input
Clock Same 33Mhz clock as PCI clock on the host. Same clock phase with typical PCI
skew. (see LPC Interface Spec)
LFRAME#
Input
Frame indicates start of a new cycle, termination of broken cycle (see LPC Interface
Spec)
LRESET#
Input
Reset same as PCI Reset on the host (see LPC Interface Spec)
SERIRQ
Bidir
Serialized IRQ is used by TPM to handle interrupt support (see LPC Interface Spec)
GPIO5/CLKRUN#
Bidir
General Purpose IO, weak internal pull-up fully configurable by Software
CLKRUN# same as PCI CLKRUN#. Only needed by peripherals that need DMA or bus
mastering in a system that can stop the PCI bus (generally in mobile systems)
PP
Input
Physical Presence, active high, internal pull-down. Used to indicate Physical Pres-
ence to the TPM
GPIO[4:1]
Bidir
General Purpose IOs with weak internal pull-up fully configurable by Software
IO
Bidir
Bidirectional IO ISO 7816-2 compliant serial port
VPS
Input
3.3v Power supply. VPS has to be connected to 3.3v DC power rail supplied by the
motherboard
GND
Input
Zero volts ground reference. GND has to be connected to the main motherboard
ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GPIO1
GPIO2
IO
GND
NC
GPIO3
PP
NC
GPIO4
VPS
GND
NC
NC
NC
LPCPD#
SERIRQ
LAD0
NC
VPS
LAD1
LFRAME#
LCLK
LAD2
NC
GPIO5/CLKRUN#
LRESET#
GND
LAD3
TSSOP28


Similar Part No. - ST19WP18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
   Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
ST19WG34 STMICROELECTRONICS-ST19WG34 Datasheet
42Kb / 3P
   Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
ST19WG66 STMICROELECTRONICS-ST19WG66 Datasheet
42Kb / 3P
   Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
ST19WI18 STMICROELECTRONICS-ST19WI18 Datasheet
54Kb / 3P
   SMASmartcard MCU With Modular Arithmetic Processor, I2C & 18 Kbytes High Density EEPROM
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
More results

Similar Description - ST19WP18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19NP18-TPM STMICROELECTRONICS-ST19NP18-TPM Datasheet
82Kb / 5P
   Trusted Platform Module (TPM)
logo
Nuvoton Technology Corp...
NPCT42X NUVOTON-NPCT42X Datasheet
292Kb / 25P
   Trusted Platform Module (TPM)
logo
List of Unclassifed Man...
SSX35 ETC1-SSX35 Datasheet
240Kb / 14P
   Trusted platform module (TPM)
logo
Axiomtek Co., Ltd.
SBC86860 AXIOMTEK-SBC86860 Datasheet
190Kb / 1P
   TPM 1.2 trusted platform
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
   Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com