Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TC-350 Datasheet(HTML) 2 Page - Vectron International, Inc

Part No. TC-350
Description  Low Profile TCXOs Temperature Compensated Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

TC-350 Datasheet(HTML) 2 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
TC-350 Series Low Profile TCXO’s
Performance Characteristics
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
2
Standard Frequencies:
10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48, 27.00 MHz
Available from 1.0 MHz to 77.76 MHz
Package:
22.86 x 17.78 x 3.81 mm (0.90” x 0.70” x 0.15”)
Supply Voltage (Vdd):
C = 5.0 Vdc ±5%
(Other options are available upon request)
D = 3.3 Vdc ±5%
Current:
Current draw will vary greatly depending on frequency and output
type. For this series TCXO typical current draw will be about 10 mA.
Please consult the factory about your exact current requirements.
Output:
A = HCMOS/ACMOS
B = 10 TTL
Voh min.
0.8 Vdd
2.4 Vdc
Voh max.
0.5 Vdc
0.5 Vdc
Rise/Fall Time:
5 ns max.
10 ns max.
Symmetry (Duty Cycle):
50% ±10%
50% ±10%
Load:
100k ohm // 10 pF
10 TTL
Temperature Stability:
B-507 = ±5.0 x 10-7
over
0°C to +50°C
B-106 = ±1.0 x 10-6
over
0°C to +50°C
C-507 = ±5.0 x 10-7
over
0°C to +70°C
C-106 = ±1.0 x 10-6
over
0°C to +70°C
D-757 = ±7.5 x 10-7
over
-20°C to +70°C
D-156 = ±1.5 x 10-6
over
-20°C to +70°C
F-106 = ±1.0 x 10-6
over
-40°C to +85°C
F-206 = ±2.0 x 10-6
over
-40°C to +85°C
G-156 = ±1.5 x 10-6
over
-55°C to +85°C
G-256 = ±2.5 x 10-6
over
-55°C to +85°C
Aging (typical):
<5 ppm for ten years @ +70°C
Frequency vs. Supply:
<±0.1 ppm for a ±5% change in Supply Voltage
Electrical Frequency Adjust:
±5 ppm minimum via external voltage, 0 to Vdd
NOTE: Tighter
stabilities and
wider temperature
ranges are avail-
able, please con-
sult the factory.
Parameter
Characteristics


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn