Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6413ZTSA400 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMX320C6413ZTSA400
Description  Fixed-Point Digital Signal Processors
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6413ZTSA400 Datasheet(HTML) 3 Page - Texas Instruments

  TMX320C6413ZTSA400 Datasheet HTML 1Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 2Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 3Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 4Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 5Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 6Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 7Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 8Page - Texas Instruments TMX320C6413ZTSA400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
Revision History
3
April 2004 − Revised May 2005
SPRS247E
Revision History
This data manual revision history highlights the technical changes made to the SPRS247D device-specific data
manual to make it an SPRS247E revision.
Scope: Applicable updates to the C64x device family, specifically relating to the TMS320C6413 and
TMS320C6410 devices, have been incorporated.
PAGE(s)
NO.
ADDS/CHANGES/DELETES
63
Terminal Functions table:
Host-port data [7:0] pins (I/O/Z) description:
Changed sentence from “Host-Port bus width user-configurable at device reset via a 10-kW resistor pullup/pulldown resistor
on the HD5 pin (I):“ to “Host-Port bus width user-configurable at device reset via a 1-kW pullup/pulldown resistor on the HD5
pin (I):“
78
I2C section:
Updated/added “For more detailed information...” paragraph
90
Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Case Temperature:
IOH, Low-level output current, TEST CONDITIONS:
Moved/added HPI to “Timer, TDO, GPIO, McBSP”


Similar Part No. - TMX320C6413ZTSA400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6410GTS TI-TMX320C6410GTS Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMX320C6410GTS TI1-TMX320C6410GTS Datasheet
1Mb / 146P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMX320C6411AGLZ TI-TMX320C6411AGLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMX320C6411AZLZ TI-TMX320C6411AZLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMX320C6411GLZ TI-TMX320C6411GLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMX320C6413ZTSA400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com