Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100MT160PA Datasheet(PDF) 2 Page - International Rectifier

Part # 100MT160PA
Description  THREE PHASE BRIDGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

100MT160PA Datasheet(HTML) 2 Page - International Rectifier

  100MT160PA Datasheet HTML 1Page - International Rectifier 100MT160PA Datasheet HTML 2Page - International Rectifier 100MT160PA Datasheet HTML 3Page - International Rectifier 100MT160PA Datasheet HTML 4Page - International Rectifier 100MT160PA Datasheet HTML 5Page - International Rectifier 100MT160PA Datasheet HTML 6Page - International Rectifier 100MT160PA Datasheet HTML 7Page - International Rectifier 100MT160PA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP 3-Phase Rectifier Series
2
Bulletin I27145 rev. B 06/02
www.irf.com
I
O
Maximum DC output current
45
75
100
A
120° Rect conduction angle
@ Case temperature
100
80
80
°C
I
FSM
Maximum peak, one-cycle
270
380
450
A
t = 10ms
No voltage
forward, non-repetitive
280
398
470
t = 8.3ms
reapplied
on state surge current
225
320
380
t = 10ms
100% V
RRM
240
335
400
t = 8.3ms
reapplied
Initial
I2t
Maximum I2 t for fusing
365
724
1013
A2s
t = 10ms
No voltage
T
J = TJ max.
325
660
920
t = 8.3ms
reapplied
253
512
600
t = 10ms
100% V
RRM
240
467
665
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
3650
7240
10130
A2
√s
t = 0.1 to 10ms, no voltage reapplied
VF(TO) Value of threshold voltage
0.78
0.82
0.75
V
@ T
J max.
rt
Slope resistance
14.8
9.5
8.1
m
V
FM
Maximum forward voltage drop
1.45
1.45
1.51
V
T
J = 25°C
Ipk = 40A Ipk = 70A Ipk = 100A
tp = 400µs single junction
Forward Conduction
V
INS
RMS insulation voltage
3500
V
T
J = 25
o
C all terminal shorted
f = 50Hz, t = 1s
Insulation Table
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameter
40MT
70MT
100MT
Units Conditions
Voltage
V
RRM, maximum
V
RSM, maximum
I
RRM max.
Type number
Code
repetitive peak
non-repetitive peak
@ T
J = 150°C
reverse voltage
reverse voltage
VV
VmA
40-70-100MT140P
140
1400
1500
5
40-70-100MT160P
160
1600
1700
Parameter
40MT
70MT
100MT
Units Conditions


Similar Part No. - 100MT160PA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
100MT160PAPBF VISHAY-100MT160PAPBF Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
More results

Similar Description - 100MT160PA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
International Rectifier
130MT IRF-130MT Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
   Three Phase Bridge
Revision: 27-Feb-14
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0014 SSDI-RA0014 Datasheet
58Kb / 2P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
   Three Phase Bridge
Revision: 09-Apr-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com