Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BL-FL7644XX Datasheet(HTML) 1 Page - BetLux Electronics

Part No. BL-FL7644XX
Description  SUPER FLUX LED LAMP, 4PIN LED
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BETLUX [BetLux Electronics]
Homepage  http://www.betlux.com
Logo 

BL-FL7644XX Datasheet(HTML) 1 Page - BetLux Electronics

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
  
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7644xx
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
Ø
Ultra brightness.
Ø
Wide Viewing Angles.
Ø
Ideal For Backlight and Indicator
Ø
RoHs Compliance
n
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=70mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2
(deg)
BL-FL7644URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
200
800
BL-FL7644UEC
Ultra Orange
AlGaInP
630
2.10
2.50
180
900
BL-FL7644UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
300
900
BL-FL7644UGC
Ultra Green
AlGaInP
574
2.20
2.50
400
700
BL-FL7644PGC
Ultra Pure Green
InGaN
525
3.80
4.50
600
3000
BL-FL7644BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
500
2800
BL-FL7644UBC
Ultra Blue
InGaN
470
2.70
4.20
500
3000
BL-FL7644UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
500
3000
140
n
Absolute maximum ratings (Ta=25°C)
Parameter
UR
UE
UY
UG
PG
BG
UB
W
Unit
Forward Current
IF
25
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
65
65
75
110
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn