Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2890ACP-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2890ACP-RL7
Description  3.3 V 2.7 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2890ACP-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2890ACP-RL7 Datasheet HTML 4Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 5Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 6Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 7Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 8Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 9Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 10Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 11Page - Analog Devices ADN2890ACP-RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADN2890
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
LIMAMP
Input Buffer
The limiting amplifier has differential inputs (PIN/NIN), with
an internal 50 Ω termination. The ROSA (receive optical sub-
assembly) is typically ac-coupled to the ADN2890 inputs,
although dc coupling is possible.
An internal offset correction loop requires that a capacitor be
connected between the CAZ1 and CAZ2 pins. A 0.01 µF
capacitor provides a low frequency cutoff of 2 kHz.
CML Output Buffer
The ADN2890 provides CML outputs, OUTP/OUTN. The
outputs are internally terminated with 50 Ω to VCC.
The outputs can be kept at a static voltage by driving the
SQUELCH pin to a logic high. The SQUELCH pin can be
driven directly by the LOS pin, which automatically disables the
LIMAMP outputs in situations with no data input.
LOSS OF SIGNAL (LOS) DETECTOR
The receiver front-end LOS detector circuit indicates when the
input signal level has fallen below the user-adjustable threshold.
The threshold is set by a resistor connected between the
THRADJ pin and VEE. The ADN2890 LOS circuit has a trip
point down to <3.0 mV with >3 dB electrical hysteresis to
prevent chatter at the LOS output. The LOS output is an open-
collector output that must be pulled up externally with a 4.7 kΩ
to 10 kΩ resistor.
RECEIVED SIGNAL STRENGTH INDICATOR (RSSI)
The ADN2890 has an on-chip RSSI circuit that automatically
detects the average received power based on a direct measure-
ment of the PIN photodiode’s current. The photodiode bias is
supplied by the ADN2890, which allows a very accurate, on-
chip, average power measurement based on the amount of
current supplied to the photodiode. The output of the RSSI is a
current that is directly proportional to the average amount of
PIN photodiode current. Placing a resistor between the
RSSI_OUT pin and GND converts the current to a GND
referenced voltage. This function eliminates the need for
external RSSI circuitry in SFF-8472 compliant optical receivers.
SQUELCH MODE
Driving the SQUELCH input to a logic high disables the
limiting amplifier outputs. The SQUELCH input can be
connected to the LOS output to keep the limiting amplifier
outputs at a static voltage level anytime the input level to the
limiting amplifier drops below the programmed LOS threshold.


Similar Part No. - ADN2890ACP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890ACP-RL AD-ADN2890ACP-RL Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
More results

Similar Description - ADN2890ACP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
   3.3 V 4.25 Gb/s Limiting Amplifier
Rev. PrA
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com