Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4042ASBKM Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMH4042ASBKM
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042ASBKM Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMH4042ASBKM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042ASBKM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2070
9.1 5/27/03
SMH4042A
SUMMIT MICROELECTRONICS, Inc.
5
DC OPERATING CHARACTERISTICS
(Over Recommended Operating Conditions; Voltages are relative to GND)
Notes:
(1) The SMH4042A will drive the Reset outputs and voltage control signals throughout the operating range of 1V to 5.5V. The balance
of the logic will not be guaranteed operational unless V
CC is greater than 2.7V.
(2) A, B,G, H, K. L, M, & N refer to the Part Number Suffix.
(3) For T
A = –10ºC to 85ºC.
2037 Elect Table 2.0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
)
2
(
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
v
y
l
p
p
u
S)
1
(1
V
I
1
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
g
n
i
t
a
r
e
p
O0
0
5A
µ
I
2
C
C
g
n
i
t
i
r
W3
A
m
V
P
I
R
T
)
2
(s
l
e
v
e
L
d
l
o
h
s
e
r
h
T
V
C
C 5 A
0
5
2
.
45
7
3
.
40
0
5
.
4V
V
C
C 5 B
0
0
5
.
45
2
6
.
40
5
7
.
4V
N
O
M
_
V
3
_
T
S
H
G
7
5
.
25
6
.
22
7
.
2V
N
O
M
_
V
3
_
T
S
H
H
2
7
.
20
8
.
27
8
.
2V
N
O
M
_
V
3
_
T
S
H
K
7
8
.
25
9
.
20
0
.
3V
N
O
M
_
V
3
_
T
S
H
L
0
0
.
30
1
.
37
1
.
3V
N
O
M
_
V
5
_
D
R
A
C
M
V
C
C
V
m
0
5
+
5V
N
O
M
_
V
5
_
D
R
A
C
N
V
C
C
V
m
0
5
5V
N
O
M
_
V
3
_
D
R
A
C
M
+
N
O
M
_
V
3
_
T
S
H
V
m
0
5
V
N
O
M
_
V
3
_
D
R
A
C
N
N
O
M
_
V
3
_
T
S
H
V
m
0
5
V
V
T
S
Y
H
R
T
s
i
s
e
r
e
t
s
y
H
t
n
i
o
P
p
i
r
T
7V
m
I
I
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
2A
µ
I
O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
0
1A
µ
V
L
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
1
.
0
–8
.
0V
V
H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
2V
C
C
V
1
+V
V
L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
V
C
C
I
,
V
0
.
5
=
L
O
A
m
1
.
2
=4
.
0V
V
H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
V
C
C
I
,
V
0
.
5
=
H
O
A
µ
0
0
4
=4
.
2V
V
S
R
L
O
w
o
L
#
T
S
R
_
I
C
P
_
L
A
C
O
L
I
L
O
A
m
2
.
3
=4
.
0V
V
S
R
H
O
h
g
i
H
T
E
S
E
R
I
H
O
A
µ
0
0
8
=V
C
C
V
5
7
.
0
–V
V
3
G
V
H
O
h
g
i
H
3
E
T
A
G
V
I
H
O
A
µ
5
=2
13
15
1V
V
5
G
V
H
O
h
g
i
H
5
E
T
A
G
V
I
H
O
A
µ
5
=3
14
15
1V
V
F
E
R
e
g
a
t
l
o
V
t
u
p
t
u
O
e
c
n
e
r
e
f
e
Rd
a
o
L
o
N5
9
.
00
0
.
15
0
.
1V
V
B
C
e
g
a
t
l
o
V
p
i
r
T
r
e
k
a
e
r
B
t
i
u
c
r
i
C)
3
(0
40
50
6V
m


Similar Part No. - SMH4042ASBKM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042ASBKM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com