Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC33487 Datasheet(PDF) 2 Page - Motorola, Inc

Part # XC33487
Description  Automotive Dual High Side Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XC33487 Datasheet(HTML) 2 Page - Motorola, Inc

  XC33487 Datasheet HTML 1Page - Motorola, Inc XC33487 Datasheet HTML 2Page - Motorola, Inc XC33487 Datasheet HTML 3Page - Motorola, Inc XC33487 Datasheet HTML 4Page - Motorola, Inc XC33487 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XC33487
Automotive Dual High Side Driver
2
MAXIMUM RATINGS
NOTES :
1. Device mounted with minimum pcb dimensions.
2. Assuming a 150
°C maximum junction temperature.
Figure 1. Block Diagram and Application Schematic
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Vbat Voltage with Respect to Gnd : Continuous/Pulse
Vbat
-14 to + 40
V
Out-1 & Out-2 Voltage with Respect of Gnd : Continuous/Pulse
Vout
-0.3 to 40
V
Out-1 to Vbat & Out-2 to Vbat voltage : Continuous/Pulse
Vout
40
V
IN-1, IN-2, ST-1, ST-2 Voltage : Continuous/Pulse
Vin
-0.3 to 7
V
Cur R1, Cur R2 Voltage : Continuous/Pulse
Vcr
-0.3 to 7
V
ESD all Pins
Vesd
+/-2000
V
Out-1, Out-2 DC Output Current
Ioutdc
8
Amp
Out-1, Out-2 Output Current : Pulse
Ioutp
40
Amp
IN-1, IN-2, ST-1, ST-2, Cur R1, Cur R2 Input Current
Iin
+/-5
mA
THERMAL RATINGS
Junction Temperature
Tj
- 40 to 150
°C
Storage Temperature Range
Tst
- 65 to +150
°C
Thermal Resistance Junction to Case
Rthjc
12
°C/W
Thermal Resistance Junction to Ambient (note 1)
Rthja
60
°C/W
Power Dissipation at Tcase 105
°C (note 2)
Pd
3.75
W
Battery
MCU
Out-1
IN-1
Out-2
IN-2
Charge
Pump
Fault
Input
Trigger
Over
Temp
Over
Current
Out-1
GND
CHANNEL 1
CHANNEL 2
Current
Recopy
Cur R1
Cur R2
Current copy
resistor
Right side
21+21+....
A/D
I/O
Vbat
Cur R1
Flasher Lite
Cb
R
R
Left
Right
R
ST1
I/O
Out-2
Monitoring
R : 10k typical
Rcr : 500
Ω to 1kΩ typical
Cb : 10nF to 470nF
St-2
St-1
5V
Rcr
Open
Load
Vbatc
5V
10K
I/O
I/O
Cr 2
St-2
IN-2
I/O


Similar Part No. - XC33487

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XC33410FTA MOTOROLA-XC33410FTA Datasheet
303Kb / 20P
   DUAL CVSD/PLL CORDLESS PHONE SYSTEM
More results

Similar Description - XC33487

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
Freescale Semiconductor...
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com