Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6681Z Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FDS6681Z
Description  30 Volt P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6681Z Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS6681Z Datasheet HTML 1Page - Fairchild Semiconductor FDS6681Z Datasheet HTML 2Page - Fairchild Semiconductor FDS6681Z Datasheet HTML 3Page - Fairchild Semiconductor FDS6681Z Datasheet HTML 4Page - Fairchild Semiconductor FDS6681Z Datasheet HTML 5Page - Fairchild Semiconductor FDS6681Z Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS6681Z Rev B (W)
Typical Characteristics
0
2
4
6
8
10
0
40
80
120
160
200
Qg, GATE CHARGE (nC)
ID = -20A
VDS = -10V
-20V
-15V
0
2000
4000
6000
8000
10000
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
10ms
10s
100us
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RJA
RθJA = 125 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS6681Z

ManufacturerPart No.DatasheetDescription
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
FDS6681Z-NL VBSEMI-FDS6681Z-NL Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - FDS6681Z

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz