Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V7260 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V7260
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7260 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V7260 Datasheet HTML 3Page - Integrated Device Technology IDT72V7260 Datasheet HTML 4Page - Integrated Device Technology IDT72V7260 Datasheet HTML 5Page - Integrated Device Technology IDT72V7260 Datasheet HTML 6Page - Integrated Device Technology IDT72V7260 Datasheet HTML 7Page - Integrated Device Technology IDT72V7260 Datasheet HTML 8Page - Integrated Device Technology IDT72V7260 Datasheet HTML 9Page - Integrated Device Technology IDT72V7260 Datasheet HTML 10Page - Integrated Device Technology IDT72V7260 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V7230/7240/7250/7260/7270/7280/7290/72100 3.3V HIGH DENSITY SUPERSYNC IITM FIFO
512 x 72, 1K x 72, 2K x 72, 4K x 72, 8K x 36, 16K x 72, 32K x 72, 64K x 72
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltage
–0.5 to +4.5
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTES:
1. With output deselected, (
OE
≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C; JEDEC JESD8-A compliant)
CAPACITANCE (TA= +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
(2)
Input
VIN = 0V
10
pF
Capacitance
COUT
(1,2)
Output
VOUT = 0V
10
pF
Capacitance
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.15
3.3
3.45
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
(1)
Input Low Voltage
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
NOTES:
1. VCC = 3.3V ± 0.15V, JEDEC JESD8-A compliant.
2. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72V7230L
IDT72V7240L
IDT72V7250L
IDT72V7260L
IDT72V7270L
IDT72V7280L
IDT72V7290L
IDT72V72100L
Commercial
tCLK = 10, 15 ns
Symbol
Parameter
Min.
Max.
Unit
ILI
(1)
InputLeakageCurrent
–10
10
µ A
ILO
(2)
OutputLeakageCurrent
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 4 mA
0.4
V
ICC1
(3,4,5)
Active Power Supply Current
75
mA
ICC2
(3,6)
Standby Current
15
mA
NOTES
:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE
VIH, 0.4 ≤ VOUT ≤ VCC.
3. Tested with outputs open (IOUT = 0).
4. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
5. Typical ICC1 = 15.5 + 2.275*fS + 0.002*CL*fS (in mA) with VCC = 3.3V, tA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at
fS/2, CL = capacitive load (in pF).
6. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.


Similar Part No. - IDT72V7260

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V7260

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com