Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V7250L10 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V7250L10
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7250L10 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V7250L10 Datasheet HTML 1Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 2Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 3Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 4Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 5Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 6Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 7Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 8Page - Integrated Device Technology IDT72V7250L10 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V7230/7240/7250/7260/7270/7280/7290/72100 3.3V HIGH DENSITY SUPERSYNC IITM FIFO
512 x 72, 1K x 72, 2K x 72, 4K x 72, 8K x 36, 16K x 72, 32K x 72, 64K x 72
PIN CONFIGURATION
PBGA (BB256-1, order code: BB)
TOP VIEW
DESCRIPTION:
The IDT72V7230/72V7240/72V7250/72V7260/72V7270/72V7280/
72V7290/72V72100areexceptionallydeep,highspeed,CMOSFirst-In-First-
Out (FIFO) memories with clocked read and write controls and a flexible Bus-
Matching x72/x36/x18 data flow. These FIFOs offer several key user benefits:
• Flexible x72/x36/x18 Bus-Matching on both read and write ports
• The period required by the retransmit operation is fixed and short.
• The first word data latency period, from the time the first word is written to an
empty FIFO to the time it can be read, is fixed and short.
• High density offerings up to 4 Mbit
Bus-Matching Sync FIFOs are particularly appropriate for network, video,
telecommunications,datacommunicationsandotherapplicationsthatneedto
buffer large amounts of data and match busses of unequal sizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of
which can assume either a 72-bit, 36-bit or a 18-bit width as determined by the
state of external control pins Input Width (IW), Output Width (OW), and Bus-
Matching (BM) pin during the Master Reset cycle.
TheinputportiscontrolledbyaWriteClock(WCLK)inputandaWriteEnable
(
WEN)input. DataiswrittenintotheFIFOoneveryrisingedgeofWCLKwhen
WEN isasserted. TheoutputportiscontrolledbyaReadClock(RCLK)input
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
Q33
Q32
Q31
Q29
Q17
Q14
Q11
Q62
Q59
Q56
Q44
Q41
Q38
Q26
Q24
Q23
Q35
Q34
Q30
Q28
Q16
Q13
Q10
Q61
Q58
Q55
Q43
Q40
Q37
Q25
Q21
Q22
Q47
Q46
Q45
Q27
Q15
Q12
Q9
Q60
Q57
Q54
Q42
Q39
Q36
Q18
Q19
Q20
Q50
Q49
Q48
SEN
D51
D52
D53
GND
LD
D3
D4
D5
D63
D64
D65
D0
D1
D2
D66
D67
D68
GND
PRS
WEN
REN
D69
D70
D71
TDI
IP
RCS
EF
FF
Q69
Q70
Q71
TCK
BE
Q0
PAE
RCLK
Q66
Q67
Q68
GND
VCC
Q2
WCLK
PAF
D47
D46
D45
VCC
HF
Q1
OE
MRS
D6
D7
D8
GND
VCC
Q3
Q4
Q5
D50
D49
D48
VCC
Q6
Q7
Q8
Q63
Q64
Q65
D27
D15
D12
D9
D60
D57
D54
D42
D39
D36
D18
D19
D20
Q51
Q52
Q53
D28
D16
D13
D10
D61
D58
D55
D43
D40
D37
D25
D21
D22
D33
D32
D31
D29
D17
D14
D11
D62
D59
D56
D44
D41
D38
D26
D24
D23
12
3456
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
GND
GND
GND
GND
GND
GND
VCC
TRST
VCC
VCC
VCC
VCC
VCC
VCC
VCC
FS0
TDO
GND
GND
GND
GND
GND
GND
GND
OW
TMS
VCC
VCC
VCC
VCC
VCC
VCC
GND
VCC
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
FS1
GND
GND
VCC
VCC
VCC
VCC
VCC
BM
GND
GND
GND
GND
GND
GND
PFM
RT
VCC
VCC
VCC
VCC
VCC
VCC
FWFT/
SI
RM
GND
4680 drw02
GND SCLK
D35
D34
D30
IW


Similar Part No. - IDT72V7250L10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V7250L10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com