Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM9373 Datasheet(PDF) 3 Page - International Rectifier

Part # OM9373
Description  FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM9373 Datasheet(HTML) 3 Page - International Rectifier

  OM9373 Datasheet HTML 1Page - International Rectifier OM9373 Datasheet HTML 2Page - International Rectifier OM9373 Datasheet HTML 3Page - International Rectifier OM9373 Datasheet HTML 4Page - International Rectifier OM9373 Datasheet HTML 5Page - International Rectifier OM9373 Datasheet HTML 6Page - International Rectifier OM9373 Datasheet HTML 7Page - International Rectifier OM9373 Datasheet HTML 8Page - International Rectifier OM9373 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.irf.com
3
OM9373
Electrical Characteristics
Parameter
Symbol
Test Conditions (Note 1)
Min.
Typ. Max. Units
Power Output Section
Zero Gate Voltage Drain Current
Idss
Vds = 80Vdc, Vgs = 0V
--
250
µΑ
Drain-to-Source On-Resistance
Rds(on) Id = 35A, Vgs = 10V ( Note 4 )
-
-
0.024 Ohms
Gate Body Leakage Current
Igssr
Vgs = 20Vdc, Vds = 0V
--
100
nA
Diode Forward Voltage
Vf
IS = 35A
--
0.9
V
Diode Reverse Recovery Time
trr
IS = 25A, di/dt = -100A/µsec, VGS = 0V
--
200
nS
Control Section
Control Supply Current
Icc
VCC over operating range
--
100
mA
Control Turn-On Threshold
9.45
-
-
Driver Turn-On Threshold
13
-
-
Reference Section
Output Voltage
4.9
5.0
5.1
Output Voltage
4.7
5.0
5.3
Output Current
Io
-
-
30
mA
Load Regulation
ILOAD = 0mA to -20mA
-40
-5.0
-
mV
Short Circuit Current
Isc
TC over operating range
50
100
150
mA
Error / Spare Amplifiers Section
EA1 / EA2 Input Offset Current
Ios
V(pin 2) = V(pin 4) = 0V,
-30
-3.0
0
V(pin 3) = V(pin 6) = 0V
EA1 / EA2 Input Bias Current
Iin
V(pin 2) = V(pin 4) = 0V,
-50
-45
0
V(pin 3) = V(pin 6) = 0V
Input Offset Voltage
Vos
0V < Vcommon-mode < 3.0V
-
-
7.0
mV
Amplifier Output Voltage Range
-
0
-
6.0
V
PWM Comparator Section
PWM Input Current
Iin
V(pin 9) = 2.5V
0
3.0
30
µΑ
Current-Sense Amplifier Section
ISH / ISL Input Current
Iin
V(pin 12) = V(pin 13) = 0V,
-850
-320
0
Input Offset Current
Ios
V(pin 12) = V(pin 13) = 0V,
-
±2.0
±12
Peak Current Threshold Voltage
Vpk
V(pin 12) = 0V, V(pin 13) Varied to
0.14
0.20
0.26
Over Current Threshold Voltage
Voc
Threshold
0.26
0.30
0.36
V
ISH / ISL Input Voltage Range
-
( Note 2 )
-1.0
-
2.0
Amplifier Voltage Gain
AV
V(pin 12) = 0.3V, V(pin 13) = 0.5V to 0.7V
1.75
1.95
2.15
V/V
Amplifier Level Shift
-
V(pin 12) = V(pin 13) = 0.3V
2.4
2.5
2.65
V
µΑ
Vcc(+) TC over operating range
V
Vref
TC over operating range
V
nA


Similar Part No. - OM9373

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
More results

Similar Description - OM9373

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
OMC507 ETC-OMC507 Datasheet
118Kb / 8P
   FULL-FEATURED CIRCUIT BOARD ASSEMBLY FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
Toshiba Semiconductor
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
logo
Rohm
BD67891MUV ROHM-BD67891MUV Datasheet
1Mb / 20P
   For 3-phase DC Brushless Motor Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com