Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V7250L15 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V7250L15
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7250L15 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V7250L15 Datasheet HTML 4Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 5Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 6Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 7Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 8Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 9Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 10Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 11Page - Integrated Device Technology IDT72V7250L15 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V7230/7240/7250/7260/7270/7280/7290/72100 3.3V HIGH DENSITY SUPERSYNC IITM FIFO
512 x 72, 1K x 72, 2K x 72, 4K x 72, 8K x 36, 16K x 72, 32K x 72, 64K x 72
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C; JEDEC JESD8-A compliant)
Commercial
IDT72V7230L10
IDT72V7230L15
IDT72V7240L10
IDT72V7240L15
IDT72V7250L10
IDT72V7250L15
IDT72V7260L10
IDT72V7260L15
IDT72V7270L10
IDT72V7270L15
IDT72V7280L10
IDT72V7280L15
IDT72V7290L10
IDT72V7290L15
IDT72V72100L10
IDT72V72100L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
MHz
tA
Data Access Time
1
6.5
1
10
ns
tCLK
Clock Cycle Time
10
15
ns
tCLKH
Clock High Time
4.5
6
ns
tCLKL
Clock Low Time
4.5
6
ns
tDS
DataSetupTime
3.5
4
ns
tDH
Data Hold Time
0.5
1
ns
tENS
Enable Setup Time
3.5
4
ns
tENH
Enable Hold Time
0.5
1
ns
tLDS
LoadSetupTime
3.5
4
ns
tLDH
Load Hold Time
0.5
1
ns
tRS
Reset Pulse Width(2)
10
15
ns
tRSS
ResetSetupTime
10
15
ns
tRSR
Reset Recovery Time
10
15
ns
tRSF
Reset to Flag and Output Time
15
15
ns
tFWFT
Mode Select Time
0
0
ns
tRTS
RetransmitSetupTime
3.5
4
ns
tOLZ
Output Enable to Output in Low Z
(3)
1—
1
ns
tOE
Output Enable to Output Valid
1
6
1
8
ns
tOHZ
Output Enable to Output in High Z
(3)
16
1
8
ns
tWFF
Write Clock to
FF or IR
6.5
10
ns
tREF
Read Clock to
EF or OR
6.5
10
ns
tPAFA
Clock to Asynchronous Programmable Almost-Full Flag
16
20
ns
tPAFS
Write Clock to Synchronous Programmable Almost-Full Flag
6.5
10
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
16
20
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
6.5
10
ns
tHF
Clock to
HF
—16
20
ns
tRCSS
RCS Setup Time
3.5
5
ns
tRCSH
RCS Hold Time
0.5
1
ns
tRCSLZ
RCLK to Active from High-Z(3)
1
6.5
1
10
ns
tRCSHZ
RCLK to High-Z(3)
1
6.5
1
10
ns
tSKEW1
Skew time between RCLK and WCLK for
EF/OR and FF/IR
7—
9
ns
tSKEW2
Skew time between RCLK and WCLK for
PAE and PAF
10
14
ns
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. Data Sheet slow conditions: 85
°c, 3.0V. Data Sheet fast conditions: -40°c, 3.6V.
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 2
AC TEST CONDITIONS
Figure 2. Output Load
* Includes jig and scope capacitances
4680 drw04
330
30pF*
510
3.3V
D.U.T.


Similar Part No. - IDT72V7250L15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V7250L15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com