Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2102 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SD2102
Description  SILICON NPN TRIPLE DIFFUSED LOW FREQUENCY POWER AMFPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2102 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SD2102 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2102 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2102 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2102 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
3
1.0
0.3
0.1
1m
10m
100m
1.0
10
100
1000
TC = 25°C
Transient Thermal Resistance
Time t (s)
2SD2102


Similar Part No. - 2SD2102

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD2102 ISC-2SD2102 Datasheet
190Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD2102

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD2108 HITACHI-2SD2108 Datasheet
351Kb / 4P
   SILICON NPN TRIPLE DIFFUSED LOW FREQUENCY POWER AMPLIFIER
logo
Wing Shing Computer Com...
2SD2253 WINGS-2SD2253 Datasheet
99Kb / 1P
   SILICON NPN TRIPLE DIFFUSED POWER
logo
Hitachi Semiconductor
2SB1061 HITACHI-2SB1061 Datasheet
411Kb / 3P
   Silicon PNP Triple Diffused Low Frequency Power Amplifier
logo
List of Unclassifed Man...
2SD1310 ETC2-2SD1310 Datasheet
39Kb / 1P
   NPN Silicon Triple Diffused Transistor Audio Frequency Power Ampllifier
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com